전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817-16W-AU_FX_0001 데이터시트(PDF) 6 Page - Pan Jit International Inc.

부품명 BC817-16W-AU_FX_0001
상세설명  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC817-16W-AU_FX_0001 데이터시트(HTML) 6 Page - Pan Jit International Inc.

  BC817-16W-AU_FX_0001 Datasheet HTML 1Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 2Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 3Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 4Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 5Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PAGE . 6
March 15,2011-REV.02
BC817-16W-AU SERIES
Disclaimer
Reproducingandmodifyinginformationofthedocumentisprohibitedwithoutpermission
from Panjit International Inc..
PanjitInternationalInc.reservestherightstomakechangesofthecontenthereinthe
document anytime without notification. Please refer to our website for the latest
document.
Panjit International Inc. disclaims any and all liability arising out of the application or use of
any product including damages incidentally and consequentially occurred.
PanjitInternationalInc.doesnotassumeanyandallimpliedwarranties,includingwarranties
of fitness for particular purpose, non-infringement and merchantability.
Applicationsshownonthehereindocumentareexamplesofstandarduseandoperation.
Customers are responsible in comprehending the suitable use in particular applications.
Panjit International Inc. makes no representation or warranty that such applications will be
suitable for the specified use without further testing or modification.
Theproductsshownhereinarenotdesignedandauthorizedforequipmentsrequiringhigh
level of reliability or relating to human life and for any applications concerning life-saving
or life-sustaining, such as medical instruments, transportation equipment, aerospace
machinery et cetera. Customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Panjit International Inc. for any damages
resulting from such improper use or sale.
Since Panjit uses lot number as the tracking base, please provide the lot number for tracking
when complaining.


유사한 부품 번호 - BC817-16W-AU_FX_0001

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC817-16W-7 DIODES-BC817-16W-7 Datasheet
364Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30575 Rev. 4 - 2
logo
Nexperia B.V. All right...
BC817-16W-Q NEXPERIA-BC817-16W-Q Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
BC817-16W-Q NEXPERIA-BC817-16W-Q Datasheet
310Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
More results

유사한 설명 - BC817-16W-AU_FX_0001

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com