전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817-AU_S2_1001 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 BC817-AU_S2_1001
상세설명  NPN GENERAL PURPOSE TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC817-AU_S2_1001 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  BC817-AU_S2_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC817-AU_S2_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC817-AU_S2_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC817-AU_S2_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC817-AU_S2_1001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
March 09,2011-REV.02
BC817-AU SERIES
ELECTRICAL CHARACTERISTICS ( TJ=25oC,unless otherwise notes )
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage ( Ic=10mA, IB=0 )
V(BR)CEO
45
-
-
V
Collector-Base Breakdown Voltage ( VEB=0V, Ic=10A )
V(BR)CBO
50
-
-
V
Emitter-Base Breakdown Voltage ( IE=1A, Ic=0 )
V(BR)EBO
5.0
-
-
V
Emitter-Base Cutoff Current ( V EB =5V )
IEBO
-
-
100
nA
Collector-Base Cutoff Current ( V CB=20V, IE=0 )
TJ =25oC
TJ =150oC
ICBO
-
-
-
-
100
5.0
nA
A
DC Current Gain ( Ic=100mA, VCE=1V )
DC Current Gain ( Ic=500mA, VCE=1V )
hFE
100
160
250
40
-
-
-
-
250
400
600
-
-
Collector-Emitter Saturation Voltage ( Ic=500mA, IB=50mA )
VCE(SAT)
--
0.7
V
Base-Emitte Voltage ( Ic=500mA, VCE=1.0V )
VBE(ON)
--
1.2
V
Collector-Base Capacitance (VCB=10V, IE=0, f=1MHz)
CCBO
-7.0
-
pF
Current Gain-Bandwidth Product ( Ic=10mA, VCE=5V, f=100MHz )
fT
100
-
-
MHz
Colle ctor Curre nt I
,
C ()
mA
V , V (V)
CB
EB
Colle ctor Curr e nt I
, C ()
mA
Colle ctor Curre nt I
, C ()
mA
0
50
100
150
200
250
300
0.01
0.1
1
10
100
1000
V
CE = 1V
10
100
CIB (EB)
COB(EB)
0
50
100
150
200
250
300
350
400
450
0.01
0.1
1
10
100
1000
V
CE = 1V
0
100
200
300
400
500
600
700
0.01
0.1
1
10
100
1000
VCE = 1V
1
0.1
1
10
100
Fig.1 BC817-16 Typical h vs. I
FE
C
Fig.1 BC817-16 Typical h vs. I
FE
C
Fig.2 BC817-25 Typical h vs. I
FE
C
Fig.2 BC817-25 Typical h vs. I
FE
C
Fig.4 Typical Capacitances
Fig.3 BC817-40 Typical h vs. I
FE
C
Fig.3 BC817-40 Typical h vs. I
FE
C
BC817-16-AU
BC817-25-AU
BC817-40-AU


유사한 부품 번호 - BC817-AU_S2_1001

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
BC817-ALT1G FS-BC817-ALT1G Datasheet
108Kb / 3P
   General Purpose Transistors
BC817-ALT3G FS-BC817-ALT3G Datasheet
108Kb / 3P
   General Purpose Transistors
More results

유사한 설명 - BC817-AU_S2_1001

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com