전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847BS-AU_FU_1001 데이터시트(PDF) 3 Page - Pan Jit International Inc.

부품명 BC847BS-AU_FU_1001
상세설명  NPN GENERAL PURPOSE DUAL TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BS-AU_FU_1001 데이터시트(HTML) 3 Page - Pan Jit International Inc.

  BC847BS-AU_FU_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BS-AU_FU_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BS-AU_FU_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BS-AU_FU_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BS-AU_FU_1001 Datasheet HTML 5Page - Pan Jit International Inc. BC847BS-AU_FU_1001 Datasheet HTML 6Page - Pan Jit International Inc. BC847BS-AU_FU_1001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAGE . 3
April 3,2013-REV.04
BC847BS-AU
ELECTRICAL CHARACTERISTICS CURVE
I , COLLECTOR CURRENT(mAdc)
C
0.2
0.2
0.4
0.6
0.8
1.5
0.3
1.0
2.0
10
20
50
100
200
Figure 1. Normalized DC Current Gain
0.5
5.0
1.0
2.0
V
=10V
T=25 C
CE
A
O
I , COLLECTOR CURRENT(mAdc)
C
0.5
0.2 0.3
0.7
0.1
0
0.2
0.4
0.6
0.8
1.0
Figure 2. "Saturation" and " On " Voltages
1.0
2.0 3.0
7.0
5.0
10
20
50
100
70
30
T=25 C
A
O
V
(sat) @ I /I =10
BE
C B
V
(sat) @ I /I =10
CE
C B
V
(on) @ V
=10V
BE
CE
I=
10mA
C
I=
0mA
C
2
0.02
0
0.4
0.8
1.2
1.6
2.0
0.1
1.0
10
20
50mA
Figure 3. Collector Saturation Region
I , BASE CURRENT (mA)
B
100mA
200mA
T=25 C
A
O
-55 C to 125 C
OO
0.2
I , COLLECTOR CURRENT (mA)
C
Figure 4. Base-Emitter Temperature Coefficient
2.8
2.4
2.0
1.6
1.0
1.2
1.0
10
100
Cob
Cio
T=25 C
A
O
0.4
V , REVERSE VOLTAGE (VOLTS)
R
Figure 5. Capacitance
0.6 0.8 1.0
2.0
1.0
2.0
30
50
7.0
10
4.0
10
20
40
6.0 8.0
V
=10V
T=25 C
CE
A
O
1.0
0.7
0.5
2.0
3.0
I , COLLECTOR CURRENT (mAdc)
C
Figure 6. Current-Gain-Bandwidth Product
5.0 7.0
50
30
40
60
80
10
20
30
20
100
200
300
400


유사한 부품 번호 - BC847BS-AU_FU_1001

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC847BS-13-F DIODES-BC847BS-13-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BS-7 DIODES-BC847BS-7 Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
112Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

유사한 설명 - BC847BS-AU_FU_1001

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
   General Purpose Dual NPN Transistor
logo
Pan Jit International I...
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
   DUAL NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
MBT3904DW WEITRON-MBT3904DW Datasheet
244Kb / 7P
   Dual General Purpose Transistor NPNNPN Silicon
logo
ON Semiconductor
BC847BPDXV6 ONSEMI-BC847BPDXV6_13 Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
logo
Pan Jit International I...
MMDT3904TB6 PANJIT-MMDT3904TB6 Datasheet
130Kb / 4P
   DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
EMX2DXV6T5 ONSEMI-EMX2DXV6T5 Datasheet
127Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 2
EMX1DXV6T1 ONSEMI-EMX1DXV6T1 Datasheet
56Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com