전자부품 데이터시트 검색엔진 |
|
TC2185-2.5VCTTR 데이터시트(PDF) 4 Page - Microchip Technology |
|
TC2185-2.5VCTTR 데이터시트(HTML) 4 Page - Microchip Technology |
4 / 20 page TC2014/2015/2185 DS21662F-page 4 2001-2012 Microchip Technology Inc. 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C. FIGURE 2-1: Supply Current vs. Junction Temperature. FIGURE 2-2: Load Regulation vs. Supply Voltage. FIGURE 2-3: Output Voltage vs. Junction Temperature. FIGURE 2-4: Output Voltage vs. Junction Temperature. FIGURE 2-5: Output Voltage vs. Supply Voltage. FIGURE 2-6: Dropout Voltage vs. Junction Temperature. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 45.0 48.0 51.0 54.0 57.0 60.0 63.0 Junction Temperature (°C) VR = 1.8V COUT = 3.3 µF VIN = 2.8V VIN = 6.0V -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 2.8 3.2 3.6 4 4.4 4.8 5.2 5.6 6 Supply Voltage (V) VR = 1.8V COUT = 3.3 µF IL = 150 mA TA = +25°C TA = +125°C TA = -45°C 1.790 1.795 1.800 1.805 1.810 Junction Temperature (°C) VIN = 6.0V VIN = 2.8V VR = 1.8V COUT = 3.3 µF IL = 0.1 mA 1.785 1.790 1.795 1.800 1.805 1.810 1.815 1.820 Junction Temperature (°C) VR = 1.8V COUT = 3.3 µF IL = 150 mA VIN = 2.8V VIN = 6.0V 1.785 1.79 1.795 1.8 1.805 1.81 1.815 1.82 2.8 3.2 3.6 4 4.4 4.8 5.2 5.6 6 Supply Voltage (V) VR = 1.8V COUT = 3.3 µF IL = 150 mA TA = +25°C TA = +125°C TA = -45°C 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 Junction Temperature (°C) VR = 1.8V COUT = 3.3 μF IL = 20 mA IL = 50 mA IL = 100 mA IL = 150 mA Note: Dropout Voltage is not a tested parameter for 1.8V. VIN(min) ! 2.7V |
유사한 부품 번호 - TC2185-2.5VCTTR |
|
유사한 설명 - TC2185-2.5VCTTR |