전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC652DGVUA 데이터시트(PDF) 1 Page - Microchip Technology

부품명 TC652DGVUA
상세설명  Integrated Temperature Sensor & Brushless DC Fan Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC652DGVUA 데이터시트(HTML) 1 Page - Microchip Technology

  TC652DGVUA Datasheet HTML 1Page - Microchip Technology TC652DGVUA Datasheet HTML 2Page - Microchip Technology TC652DGVUA Datasheet HTML 3Page - Microchip Technology TC652DGVUA Datasheet HTML 4Page - Microchip Technology TC652DGVUA Datasheet HTML 5Page - Microchip Technology TC652DGVUA Datasheet HTML 6Page - Microchip Technology TC652DGVUA Datasheet HTML 7Page - Microchip Technology TC652DGVUA Datasheet HTML 8Page - Microchip Technology TC652DGVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21453B-page 1
TC652/TC653
Features
• Integrated Temperature Sensing and Multi-speed
Fan Control
• FanSense™ Fan Fault Detect Circuitry
• Built-in Over-Temperature Alert (TOVER)
• Temperature Proportional Fan Speed Control for
Acoustic Noise Reduction and Longer Fan Life
• Pulse Width Modulation Output Drive for Cost
and Power Savings
• Solid-State Temperature Sensing
• ±1°C (Typical) Accuracy from 25°C to +70°C
• 2.8V – 5.5V Operating Range
• TC653 includes Auto Fan Shutdown
• Low Operating Current: 50
µA(Typical)
Applications
• Thermal Protection For Personal Computers
• Digital Set-Top Boxes
• Notebook Computers
• Data Communications
• Power Supplies
•Projectors
Related Literature
• Application Note: AN771
Device Selection Table
The "X" denotes a suffix for temperature threshold settings.
Contact factory for other temperature ranges.
Package Type
General Description
The TC652/TC653 are integrated temperature sensors
and
brushless
DC
fan
speed
controllers
with
FanSensetechnology. The TC652/TC653 measure
their junction temperature and control the speed of the
fan based on that temperature, making them especially
suited for applications in modern electronic equipment.
The FanSenseFan Fault detect circuitry eliminates
the need for a more expensive 3-wire fan.
Temperature data is converted from the on-chip
thermal sensing element
and
translated
into
a
fractional fan speed from 40% to 100%. A temperature
selection guide in the data sheet is used to choose the
low and high temperature limits to control the fan. The
TC652/TC653 also include a single trip point over
temperature alert (TOVER) that eliminates the need for
additional temperature sensors. In addition, the TC653
includes an auto fan shutdown function for additional
power savings.
The TC652/TC653 are easy to use, require no software
overhead and are therefore the ideal choice for
implementing thermal management in a variety of
systems.
Part Number
Package
Temperature Range
TC652XXVUA
8-Pin MSOP
-40
°Cto +125°C
TC653XXVUA
8-Pin MSOP
-40
°Cto +125°C
XTemperature
A25
B30
C35
D40
E45
F50
G55
1
8
2
7
3
6
4
5
FAULT
VDD
MSOP
GND
PWM
TOVER
SENSE
GND
TC652
TC653
SHDN
Integrated Temperature Sensor & Brushless DC Fan
Controller with FanSense™ Detect & Over-Temperature


유사한 부품 번호 - TC652DGVUA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC652 MICROCHIP-TC652 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC652 MICROCHIP-TC652 Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
   High precision CC/CV primary side controller
More results

유사한 설명 - TC652DGVUA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Copal Electronics
F17FA COPAL-F17FA Datasheet
68Kb / 2P
   BRUSHLESS DC FAN
logo
List of Unclassifed Man...
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
   DC BRUSHLESS FAN
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
   DC BRUSHLESS FAN
logo
Analog Devices
ADT7470 AD-ADT7470 Datasheet
522Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com