전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817-16L 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 BC817-16L
상세설명  General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC817-16L 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button BC817-16L Datasheet HTML 2Page - ON Semiconductor BC817-16L Datasheet HTML 3Page - ON Semiconductor BC817-16L Datasheet HTML 4Page - ON Semiconductor BC817-16L Datasheet HTML 5Page - ON Semiconductor BC817-16L Datasheet HTML 6Page - ON Semiconductor BC817-16L Datasheet HTML 7Page - ON Semiconductor BC817-16L Datasheet HTML 8Page - ON Semiconductor BC817-16L Datasheet HTML 9Page - ON Semiconductor BC817-16L Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
BC846ALT1G Series, SBC846ALT1G Series
http://onsemi.com
10
BC847C, BC848C, BC849C, BC850C, SBC847C
Figure 29. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 30. Base−Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
1.0
10
100
-55
°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
Figure 31. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 32. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4
0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7
1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib


유사한 부품 번호 - BC817-16L

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC817-16L ONSEMI-BC817-16L Datasheet
145Kb / 10P
   General Purpose Transistors
October, 2016 ??Rev. 15
logo
Motorola, Inc
BC817-16LT1 MOTOROLA-BC817-16LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC817-16LT1 ONSEMI-BC817-16LT1 Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC817-16LT1G ONSEMI-BC817-16LT1G Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
More results

유사한 설명 - BC817-16L

제조업체부품명데이터시트상세설명
logo
First Components Intern...
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
   NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
   PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
   NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
   NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com