전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSR2007 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KSR2007
상세설명  Switching Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSR2007 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KSR2007 Datasheet HTML 1Page - Fairchild Semiconductor KSR2007 Datasheet HTML 2Page - Fairchild Semiconductor KSR2007 Datasheet HTML 3Page - Fairchild Semiconductor KSR2007 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A3, October 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Input On Voltage
Figure 3. Input Off Voltage
Figure 4. Power Derating
-0.1
-1
-10
-100
1
10
100
1000
VCE = - 5V
R1 = 22K
R2 = 47K
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.1
-1
-10
-100
VCE =- 0.3V
R1 = 22K
R2 = 47K
IC[mA], COLLECTOR CURRENT
-0.1
-0.3
-0.5
-0.7
-0.9
-1.1
-1.3
-1.5
-1.7
-1.9
-2.1
-1
-10
-100
-1k
-10k
VCE = - 5V
R1 = 22K
R2 = 47K
VI(OFF)[V], INPUT OFF VOLTAGE
0
255075
100
125
150
175
0
50
100
150
200
250
300
350
400
Ta[
o
C], AMBIENT TEMPERATURE


유사한 부품 번호 - KSR2007

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KSR2007 SAMSUNG-KSR2007 Datasheet
64Kb / 2P
   PNP (SWITCHING APPLICATION)
More results

유사한 설명 - KSR2007

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
KSR2009 FAIRCHILD-KSR2009 Datasheet
32Kb / 4P
   Switching Application
KSR2205 FAIRCHILD-KSR2205 Datasheet
37Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com