전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846-AU_0_00001 데이터시트(PDF) 5 Page - Pan Jit International Inc.

부품명 BC846-AU_0_00001
상세설명  NPN GENERAL PURPOSE TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC846-AU_0_00001 데이터시트(HTML) 5 Page - Pan Jit International Inc.

  BC846-AU_0_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC846-AU_0_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC846-AU_0_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC846-AU_0_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC846-AU_0_00001 Datasheet HTML 5Page - Pan Jit International Inc. BC846-AU_0_00001 Datasheet HTML 6Page - Pan Jit International Inc. BC846-AU_0_00001 Datasheet HTML 7Page - Pan Jit International Inc. BC846-AU_0_00001 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PAGE . 5
0
1
10
100
25
50
75
100
125
150
Junction Temperature, TJ (OC)
V
CB=30V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, IC, (mA)
T
J=25 C
T
J=100° C
T
J=150° C
V
CE=5V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
T
J = 25 °C
T
J = 150 °C
T
J = 100 °C
V
CE=5V
Fig. 1.
Typical ICB0 vs. Junction Temperature
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
T
J = 25 °C
T
J = 150 °C
T
J = 100 °C
I
C/IB=20
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, IC (mA)
T
J = 25 °C
T
J = 150 °C
T
J = 100 °C
I
C/IB=20
1
10
0.1
1
10
100
Reverse Voltage (V)
TJ = 25 °C
Cib (EB)
Cob (CB)
Fig. 3.
Typical VBE(ON) vs. Collector Current
Fig. 2.
Typical hFE vs. Collector Current
Fig. 4.
Typical VCE(SAT) vs. Collector Current
Fig. 5.
Typical VBE(SAT) vs. Collector Current
Fig. 6.
Typical Capacitances vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS CURVE (BC847C
-AU,BC848C-AU,BC849C-AU,BC850C-AU)
BC846-AU,BC847-AU,BC848-AU,BC849-AU,BC850-AU SERIES
August 5,2013-REV.06


유사한 부품 번호 - BC846-AU_0_00001

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BC846-A-AE3-R UTC-BC846-A-AE3-R Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC846-A-AL3-R UTC-BC846-A-AL3-R Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results

유사한 설명 - BC846-AU_0_00001

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com