전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC856BW-AU_F2_00001 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 BC856BW-AU_F2_00001
상세설명  PNP GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC856BW-AU_F2_00001 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  BC856BW-AU_F2_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC856BW-AU_F2_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC856BW-AU_F2_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC856BW-AU_F2_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC856BW-AU_F2_00001 Datasheet HTML 5Page - Pan Jit International Inc. BC856BW-AU_F2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
April 23,2013-REV.03
BC856BW-AU ~ BC857CW-AU
PNP GENERAL PURPOSE TRANSISTORS
VOLTAGE
45/65 Volts
250 mWatts
FEATURES
• General purpose amplifier applications
• PNP epitaxial silicon, planar design
• Collector current I
C = 100mA
• Complimentary (NPN) Devices : BC856BW-AU/BC857AW-AU Series
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0002 ounce, 0.005 gram
POWER
ABSOLUTE MAXIMUM RATINGS
Note : 1. Transistor mounted on FR-5 board 1 x 0.75 x 0.062 in.
Device Marking:
Device Marking:
BC857AW-AU=57A
BC856BW-AU=56B
BC857BW-AU=57B
BC857CW-AU=57C
PARAMETER
Symbol
Value
Units
Collector - Emitter Voltage
BC856BW-AU
BC857AW-AU/BW-AU/CW-AU
V
CEO
-65
-45
V
Collector - Base Voltage
BC856BW-AU
BC857AW-AU/BW-AU/CW-AU
V
CBO
-80
-50
V
Emitter - Base Voltage
BC856BW-AU
BC857AW-AU/BW-AU/CW-AU
V
EBO
6
6
V
Collector Current - Continuous
I
C
-100
mA
Max. Power Dissipation (Note 1)
P
TOT
250
mW
Storage Temperature Range
T
STG
-55 to 150
OC
Junction Temperature Range
T
J
-55 to 150
OC


유사한 부품 번호 - BC856BW-AU_F2_00001

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BC856BW-AQ DIOTEC-BC856BW-AQ Datasheet
125Kb / 2P
   SMD General Purpose PNP Transistors
More results

유사한 설명 - BC856BW-AU_F2_00001

제조업체부품명데이터시트상세설명
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com