전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRFIC1801 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MRFIC1801
상세설명  1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1801 데이터시트(HTML) 1 Page - Motorola, Inc

  MRFIC1801 Datasheet HTML 1Page - Motorola, Inc MRFIC1801 Datasheet HTML 2Page - Motorola, Inc MRFIC1801 Datasheet HTML 3Page - Motorola, Inc MRFIC1801 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRFIC1801
MOTOROLA RF DEVICE DATA
The MRFIC Line
1.8 GHz Antenna Switch
Designed primarily for use in DECT, Japan Personal Handy System (PHS),
other wireless Personal Communication Systems (PCS) applications, and
2.4 GHz ISM band applications. The MRFIC1801 is a single pole, double throw
reflective antenna switch featuring low insertion loss and high power handling
capability in a low-cost SOIC-8 package. The integrated circuit requires no
off-chip matching and provides for easy control circuit interface. The high power
handling capability allows application in higher power wireless systems than
traditional GaAs antenna switches.
Together with the rest of the MRFIC180X series, this GaAs IC family offers
the complete transmit and receive functions, less LO and filters, needed for a
typical 1.8 GHz cordless telephone.
• Usable Frequency Range 1.5 to 2.5 GHz
• High 1.0 dB Compression Point = 29 dBm (Typ)
• Low Transmit Insertion Loss = 0.75 dB (Typ)
• High Transmit to Receive Isolation = 22 dB (Typ)
• Single Control Pin for Easy Switching Signal Interface
• Low Current Drain = 300 µA (Typ) in TX, 45 µA (Typ) in RX
• Low Cost Surface Mount Plastic Package
• Order MRFIC1801R2 for Tape and Reel.
R2 Suffix = 2,500 Units per 12 mm, 13 inch Reel.
• Device Marking = M1801
Functional Block Diagram and Pin Assignment
39 pF
39 pF
100 pF
RX
VC
VSS
TX
39 pF
VDD
ANTENNA
100 pF
PIN 1
4
321
5
678
Order this document
by MRFIC1801/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRFIC1801
1.8 GHz
TRANSMIT/RECEIVE
ANTENNA SWITCH
GaAs MONOLITHIC
INTEGRATED CIRCUIT
CASE 751–05
(SO-8)
© Motorola, Inc. 1997
REV 2


유사한 부품 번호 - MRFIC1801

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

유사한 설명 - MRFIC1801

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
   ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
logo
Motorola, Inc
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_06 Datasheet
264Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT RECEIVE SWITCH, DC - 2.0 GHz
HMC226 HITTITE-HMC226_10 Datasheet
180Kb / 4P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226 Datasheet
179Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT/RECEIVE SWITCH, DC - 2.0 GHz
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com