전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-273L 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-273L
상세설명  Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-273L 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-273L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Switching Specifications (AC)
Over Recommended Operating Conditions (TA = 0˚C to +70˚C), VCC = 3.3 V, unless otherwise specified. (See Note 8.)
Parameter
Sym.
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
tPHL
30
µs
IF = 0.5 mA, Rl = 4.7 kΩ
5
2
Time to Logic Low
at Output
Propagation Delay
tPLH
90
µs
IF = 0.5 mA, RL = 4.7 kΩ
5
2
Time to Logic High
at Output
Common Mode
|CMH|
1000
10000
V/µs
IF = 0 mA, TA = 25˚C,
6
2, 6, 7
Transient Immunity
Rl = 2.2 kΩ
at Logic High
|VCM| = 10 Vp-p
Level Output
Common Mode
|CML|
1000
10000
V/µs
IF = 1.6 mA, TA = 25˚C,
6
2, 6, 7
Transient Immunity
Rl = 2.2 kΩ
at Logic Low
|VCM| = 10 Vp-p
Level Output
*All typical values at TA = 25˚C and VCC = 3.3 V, unless otherwise noted.
Switching Specifications (AC)
Over recommended operating conditions (TA = 0°C to 70°C), VCC = 5 V, unless otherwise specified. (See note 8.)
Parameter
Sym.
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
tPHL
25
IF = 1.6 mA, RL = 2.2 kΩ
6, 7, 8, 9
2
Time to LogicLow
at Output
Propagation Delay
tPLH
50
IF = 1.6 mA, RL = 2.2 kΩ
7, 8, 9
2
Time to Logic High
at Output
Common Mode Transient
|CMH| 1000
10000
V/μs
IF = 0 mA, TA = 25°C,
10
2, 6, 7
Immunity at Logic
RL = 2.2 kΩ
High Output
|VCM| = 10 Vp-p
Common Mode Transient
|CMH| 1000
10000
V/μs
IF = 1.6 mA, TA = 25°C,
10
2, 6, 7
Immunity at Logic
RL = 2.2 kΩ
Low Output
|VCM| = 10 Vp-p
*All typical values at TA = 25°C and VCC = 5 V, unless otherwise noted.


유사한 부품 번호 - HCPL-273L

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-273L HP-HCPL-273L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-273L AVAGO-HCPL-273L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
More results

유사한 설명 - HCPL-273L

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com