전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5531 데이터시트(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-5531
상세설명  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5531 데이터시트(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5531 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5531 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5531 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5531 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5531 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5531 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5531 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5531 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5531 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Outline Drawings
16 Pin DIP Through Hole, 2 Channels
8 Pin Ceramic DIP Single Channel Schematic
Note: 8 pin DIP and flat pack devices have common VCC and ground. 16 pin DIP and LCCC (leadless ceramic chip carrier) packages have isolated
channels with separate VCC and ground connections.
Functional Diagrams
ANODE
3
CATHODE
6
5
V O
GND
IO
IF
2
+
-
V F
8
V CC
7
V B
IB
ICC
16 Pin DIP
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
2 Channels
1 Channel
2 Channels
4 Channels
2 Channels
1
3
2
4
8
6
7
5
V CC
GND
V OUT
V B
1
3
2
4
8
6
7
5
V CC
GND
V O2
V O1
5
7
6
8
12
10
11
9
GND
V O4
V O3
1
3
2
4
16
14
15
13
V CC
V O2
V O1
GND 1
V B2
19
20
2
3
V O1
8
7
V CC2
V CC1
10
GND 2
15
13
12
14
V O2
V B1
9
5
7
6
8
12
10
11
9
GND
V CC2
V B2
1
3
2
4
16
14
15
13
V CC1
GND
V O1
V O2
V B1
0.20 (0.008)
0.33 (0.013)
4.45 (0.175)
MAX.
20.06 (0.790)
20.83 (0.820)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.89 (0.035)
1.65 (0.065)
8.13 (0.320)
MAX.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
3.81 (0.150)
MIN.
Note, base is pin 7.


유사한 부품 번호 - HCPL-5531

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5531 HP-HCPL-5531 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-5531 HP-HCPL-5531 Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
More results

유사한 설명 - HCPL-5531

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com