전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-257K 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-257K
상세설명  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-257K 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-257K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Figure 8. Frequency Response.
Figure 9. Switching Test Circuit.*
*JEDEC Registered Data.
GND
V CC
IF
+5 V
V O
D.U.T.
100
Ω
IF MONITOR
PULSE GEN.
Z O = 50 Ω
tr = 5 ns
C L * = 50 pF
10 % DUTY CYCLE
1/f < 100 μs
R L
NOTES:
* C L INCLUDES PROBE AND STRAY WIRING CAPACITANCE.
BASE LEAD NOT CONNECTED.
SINGLE CHANNEL
OR COMMON V CC DEVICES
GND
V CC
+12 V
V O
(1 M
Ω, 12 pF
TEST INPUT)
D.U.T.
R F
V IN
9.1 k
Ω
SINGLE CHANNEL TESTING,
INDEPENDENT VCC DEVICES
1 k
Ω
2.1 k
Ω
+12 V
Q 1
47 μF
0.01 μF
Q 3
Q 2
0.01 μF
1.2 k
Ω
15 k
Ω
470
Ω
100
Ω
V B
V O
51
Ω
22
Ω
100
Ω
0.1 μF
0.1 μF
TRIM FOR UNITY GAIN
Q 1, Q 2, Q 3: 2N3904
TYPICAL LINEARITY = +3 % AT V IN = 1 V P-P
TYPICAL SNR = 50 dB
TYPICAL R F = 375 Ω
TYPICAL V O dc = 3.8 V
TYPICAL IF = 9 mA
1N4150
GND
V CC
+15 V
V O
D.U.T.
100
Ω
AC INPUT
100
Ω
COMMON
VCC DEVICES
560
Ω
20 k
Ω
+5 V
SET I F
2N3053
1.6 Vdc
0.25 V P-P ac
0.1 μF
0.1
100
+15
-20
f - FREQUENCY - MHz
+10
+5
-5
-15
1.0
10
-10
0
T A = 25 ˚C
INDEPENDENT
V CC DEVICES
COMMON V CC
DEVICES


유사한 부품 번호 - HCPL-257K

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-257K HP-HCPL-257K Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K HP-HCPL-257K Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
More results

유사한 설명 - HCPL-257K

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com