전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-550K 데이터시트(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-550K
상세설명  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-550K 데이터시트(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-550K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-550K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-550K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-550K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-550K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-550K Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-550K Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-550K Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-550K Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Figure 1. Input Diode Forward Current vs. For-
ward Voltage.
Figure 2. DC and Pulsed Transfer Characteristic.
Figure 3. Normalized Current Transfer Ratio vs.
Input Diode Forward Current.
Figure 4. Logic High Output Current vs. Tempera-
ture.
Figure 5. Logic Low Supply Current vs. Input
Diode Forward Current.
Figure 6. Propagation Delay vs. Temperature.
Figure 7. Normalized Small Signal Current Trans-
fer Ratio vs. Quiescent Input Current.
-60
140
100
0.001
TA - TEMPERATURE - ˚C
-40
20 40
60
10
1
0.1
120
0.01
-20
80
0
100
IF = 250 μA,
IF (OTHER CHANNELS) = 20 mA
IF = 0 μA,
IF (OTHER CHANNELS) = 20 mA
IF = IF (OTHER CHANNELS)
= 0 mA
VCC = VO = 18 V


유사한 부품 번호 - HCPL-550K

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-550K HP-HCPL-550K Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-550K HP-HCPL-550K Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
More results

유사한 설명 - HCPL-550K

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com