전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-J430E 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-J430E
상세설명  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J430E 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-J430E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-J430E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-J430E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-J430E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-J430E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-J430E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-J430E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-J430E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-J430E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
Insulation and Safety Related Specifications
Value
Parameter
Symbol
HCPL-4506
HCPL-J456
HCPL-0466
HCNW4506
Units
Conditions
Minimum External
L(101)
7.1
7.4
4.9
9.6
mm
Measured from input
Air Gap (External
terminals to output
Clearance)
terminals, shortest
distance through air.
Minimum External
L(102)
7.4
8.0
4.8
10.0
mm
Measured from input
Tracking (External
terminals to output
Creepage)
terminals, shortest
distance path along body.
Minimum Internal
0.08
0.5
0.08
1.0
mm
Through insulation
Plastic Gap
distance, conductor to
(Internal Clearance)
conductor, usually the
direct distance between
the photoemitter and
photodetector inside the
optocoupler cavity.
Minimum Internal
NA
NA
NA
4.0
mm
Measured from input
Tracking (Internal
terminals to output
Creepage)
terminals, along internal
cavity.
Tracking Resistance
CTI
≥175
≥175
≥175
≥200
Volts
DIN IEC 112/VDE 0303
(Comparative
Part 1
Tracing Index)
Isolation Group
IIIa
IIIa
IIIa
IIIa
Material Group (DIN
VDE 0110, 1/89, Table 1)
Regulatory Information
The devices contained in this data sheet have been approved by the following agencies:
Agency/Standard
HCPL-4506
HCPL-J456
HCPL-0466
HCNW4506
Underwriters Laboratories (UL)
UL 1577
Recognized under UL 1577, Component
Recognized Program, Category FPQU2,
File E55361
Canadian Standards
Component
Association (CSA)
Acceptance
File CA88324
Notice #5
Verband Deutscher
DIN VDE 0884
Electrotechniker (VDE)
(June 1992)
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01


유사한 부품 번호 - HCPL-J430E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J454 AVAGO-HCPL-J454 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-000E AVAGO-HCPL-J454-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-300E AVAGO-HCPL-J454-300E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-400E AVAGO-HCPL-J454-400E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
More results

유사한 설명 - HCPL-J430E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com