전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF353 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 LF353
상세설명  Dual Operational Amplifier (JFET)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LF353 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  LF353 Datasheet HTML 1Page - Fairchild Semiconductor LF353 Datasheet HTML 2Page - Fairchild Semiconductor LF353 Datasheet HTML 3Page - Fairchild Semiconductor LF353 Datasheet HTML 4Page - Fairchild Semiconductor LF353 Datasheet HTML 5Page - Fairchild Semiconductor LF353 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Internally trimmed offset voltage: 10mV
• Low input bias current: 50pA
• Wide gain bandwidth: 4MHz
• High slew rate: 13V/
µs
• High Input impedance: 1012
Description
The LF353 is a JFET input operational amplifier with an
internally compensated input offset voltage. The JFET input
device provides wide bandwidth, low input bias currents and
offset currents.
8-DIP
1
8-SOP
1
Internal Block Diagram
LF353
Dual Operational Amplifier (JFET)


유사한 부품 번호 - LF353

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LF353 MOTOROLA-LF353 Datasheet
101Kb / 4P
   FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LF353 STMICROELECTRONICS-LF353 Datasheet
99Kb / 9P
   WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
STMicroelectronics
LF353 STMICROELECTRONICS-LF353 Datasheet
723Kb / 9P
   WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF353 TI1-LF353 Datasheet
633Kb / 16P
[Old version datasheet]   LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
More results

유사한 설명 - LF353

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
LM353 FAIRCHILD-LM353 Datasheet
52Kb / 3P
   DUAL OPERATIONAL AMPLIFIER (JFET)
Rev. B
KF353 FAIRCHILD-KF353 Datasheet
34Kb / 6P
   Dual Operational Amplifier (JFET)
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
[Old version datasheet]   Dual JFET-INPUT Operational Amplifier
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP275 AD-OP275_15 Datasheet
289Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com