전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS-4-12XTA 데이터시트(PDF) 4 Page - Coilcraft lnc.

부품명 CS-4-12XTA
상세설명  ROTARY SELECTOR SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS-4-12XTA 데이터시트(HTML) 4 Page - Coilcraft lnc.

  CS-4-12XTA Datasheet HTML 1Page - Coilcraft lnc. CS-4-12XTA Datasheet HTML 2Page - Coilcraft lnc. CS-4-12XTA Datasheet HTML 3Page - Coilcraft lnc. CS-4-12XTA Datasheet HTML 4Page - Coilcraft lnc. CS-4-12XTA Datasheet HTML 5Page - Coilcraft lnc. CS-4-12XTA Datasheet HTML 6Page - Coilcraft lnc. CS-4-12XTA Datasheet HTML 7Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● CS-4-12YA
● CS-4-12YB
● CS-4-12YC
● CS-4-12XB
● CS-4-12XC
● CS-4-13NA
● CS-4-13NB
5
2.3
2.35
2 – 0.8
t = 0.15
1.2
C
12
Production date code
0.6 W
× 2.3 L × 0.5 D
5
2.3
2.35
t = 0.15
2 – 0.8
1.2
C
12
Production date code
0.6 W
× 2.3 L × 0.5 D
5
2.3
2.54
4
±1
3 – 0.6
t = 0.15
C
1
2
Production date code
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
0.6 W
× 2.3 L × 0.5 D
Production date code
2.35
2 – 0.8
t = 0.15
1.2
2.3
5
C
1
2
Production date code
2.3
2.35
t = 0.15
2 – 0.8
1.2
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
Production date code
2.3
2.54
4
±1
3 – 0.6
t = 0.15
0.6 W
× 2.3 L × 0.5 D
5
C
1
23
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
3 – 0.5
t = 0.15
1.2
1.3
● CS-4-14NA
5
1.3
6 – 0.5
t = 0.15
1.3
NC
1
C
4
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
135
°
Moving range
3 – 45
°
Step angle
2.3
● CS-4-14NB
2.3
5
1.3
6 – 0.5
t = 0.15
1.3
NC
1
C
4
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
135
°
Moving range
3 – 45
°
Step angle
5
C
1 23
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
t = 0.15
3 – 0.5
1.2
1.3
● CS-4-12XA
CS-4
ROTARY SELECTOR SWITCHES (SMD)


유사한 부품 번호 - CS-4-12XTA

제조업체부품명데이터시트상세설명
logo
Copal Electronics
CS-4-12XTA COPAL-CS-4-12XTA Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
More results

유사한 설명 - CS-4-12XTA

제조업체부품명데이터시트상세설명
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
Cherry Semiconductor Co...
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
   Selector Switches
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
   SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
   Selector Switches
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com