전자부품 데이터시트 검색엔진 |
|
TSC-25A 데이터시트(PDF) 2 Page - Riedon Powertron |
|
TSC-25A 데이터시트(HTML) 2 Page - Riedon Powertron |
2 / 2 page Riedon Inc. 300 Cypress Avenue Alhambra CA 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 6/13 SPECIFICATIONS (continued) Type Wattage Rating Resis- tance Range 1 Dimensions Terminal Size BKTS - Mounting Dimensions A ±0.062” [±1.6mm] B ±0.031” [±0.8mm] C ±0.062” [±1.6mm] K ±0.062” [±1.6mm] M ±0.062” [±1.6mm] C ±0.020” [±0.5mm] TSC-5 5 1 - 1k 0.312 [7.9] 0.188 [4.8] 1.00 [25.4] T1 - 1.44 [36.6] 0.146 [3.7] TSC-10 10 1 - 1k 0.312 [7.9] 0.188 [4.8] 1.75 [44.4] T1 0.938 [23.8] 2.19 [55.6] 0.146 [3.7] TSC-20 20 1 - 10k 0.250 [6.4] 0.188 [4.8] 2.00 [50.8] T1 - 2.50 [63.5] 0.146 [3.7] TSC-25 25 1 - 10k 0.563 [14.3] 0.312 [7.9] 2.00 [50.8] T2 1.688 [42.9] 2.75 [69.9] 0.161 [4.1] TSC-25A 30 1 - 10k 0.750 [19.1] 0.500 [12.7] 2.00 [50.8] T2 2.312 [58.7] 2.88 [73.2] 0.161 [4.1] TSC-25B 30 1 - 10k 0.625 [15.9] 0.453 [11.5] 2.00 [50.8] T2 1.688 [42.9] 2.63 [66.8] 0.161 [4.1] TSC-50 50 1.5 - 15k 0.563 [14.3] 0.312 [7.9] 4.00 [102] T2 1.688 [42.9] 4.75 [121] 0.161 [4.1] TSC-50A 60 1.5 - 15k 0.750 [19.1] 0.500 [12.7] 4.00 [102] T2 2.312 [58.7] 4.88 [124] 0.196 [5.0] TSC-50B 70 1.5 - 15k 0.750 [19.1] 0.547 [13.9] 4.50 [114] T2 2.312 [58.7] 5.38 [137] 0.196 [5.0] TSC-75 75 1.5 - 15k 0.563 [14.3] 0.312 [7.9] 6.00 [152] T2 1.688 [42.9] 6.75 [171] 0.161 [4.1] TSC-75A 90 2.7 - 20k 0.750 [19.1] 0.500 [12.7] 6.00 [152] T2 2.312 [58.7] 6.88 [175] 0.196 [5.0] TSC-100 100 2.7 - 20k 0.750 [19.1] 0.500 [12.7] 6.50 [165] T2 2.312 [58.7] 7.38 [187] 0.196 [5.0] TSC-130 130 2.7 - 20k 1.125 [28.6] 0.750 [19.1] 6.50 [165] T3 2.812 [71.4] 7.38 [187] 0.196 [5.0] TSC-160 175 3.3 - 39k 1.125 [28.6] 0.750 [19.1] 8.50 [216] T3 2.812 [71.4] 9.38 [238] 0.196 [5.0] TSC-200 225 3.3 - 47k 1.125 [28.6] 0.750 [19.1] 10.50 [267] T3 2.812 [71.4] 11.38 [289] 0.196 [5.0] 1 For non-inductive windings / divide maximum resistance by 2 TSC Series Tubular Power Wirewound Resistors -BKTS Option Terminal Size D ±0.010” [±6.4mm] E ±0.032” [±0.8mm] F ±0.005” [±0.13mm] T1 0.188 [ 4.8 ] 0.438 [ 11.1 ] 0.104 [ 2.6 ] T2 0.250 [ 6.3 ] 0.563 [ 14.3 ] 0.166 [ 4.2 ] T3 0.312 [ 7.9 ] 0.625 [ 15.9 ] 0.196 [ 5.0 ] |
유사한 부품 번호 - TSC-25A |
|
유사한 설명 - TSC-25A |