전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C08VP2E-GT3 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 CAT24C08VP2E-GT3
상세설명  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C08VP2E-GT3 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button CAT24C08VP2E-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C08VP2E-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C08VP2E-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C08VP2E-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C08VP2E-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C08VP2E-GT3 Datasheet HTML 9Page - ON Semiconductor CAT24C08VP2E-GT3 Datasheet HTML 10Page - ON Semiconductor CAT24C08VP2E-GT3 Datasheet HTML 11Page - ON Semiconductor CAT24C08VP2E-GT3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16
http://onsemi.com
8
READ OPERATIONS
Immediate Read
Upon receiving a Slave address with the R/W bit set to ‘1’,
the CAT24Cxx will interpret this as a request for data
residing at the current byte address in memory. The
CAT24Cxx will acknowledge the Slave address, will
immediately shift out the data residing at the current address,
and will then wait for the Master to respond. If the Master
does not acknowledge the data (NoACK) and then follows
up with a STOP condition (Figure 10), the CAT24Cxx
returns to Standby mode.
Selective Read
Selective Read operations allow the Master device to
select at random any memory location for a read operation.
The Master device first performs a ‘dummy’ write operation
by sending the START condition, slave address and byte
address of the location it wishes to read. After the
CAT24Cxx acknowledges the byte address, the Master
device resends the START condition and the slave address,
this time with the R/W bit set to one. The CAT24Cxx then
responds with its acknowledge and sends the requested data
byte. The Master device does not acknowledge the data
(NoACK) but will generate a STOP condition (Figure 11).
Sequential Read
If during a Read session, the Master acknowledges the 1st
data byte, then the CAT24Cxx will continue transmitting
data residing at subsequent locations until the Master
responds with a NoACK, followed by a STOP (Figure 12).
In contrast to Page Write, during Sequential Read the
address count will automatically increment to and then
wrap−around at end of memory (rather than end of page). In
the CAT24C01, the internal address count will not wrap
around at the end of the 128 byte memory space.
SCL
SDA
8th Bit
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
D ATA
BYTE
N
O
A
C
K
S
T
O
P
P
S
T
A
R
T
BUS ACTIVITY:
MASTER
SLAVE
Figure 10. Immediate Read Sequence and Timing
SLAVE
S
A
C
K
N
O
A
C
K
S
T
O
P
P
S
T
A
R
T
S
A
C
K
SLAVE
ADDRESS
A
C
K
S
T
A
R
T
D ATA
BYTE
ADDRESS
BYTE
ADDRESS
BUS ACTIVITY:
MASTER
SLAVE
Figure 11. Selective Read Sequence
S
T
O
P
P
SLAVE
ADDRESS
A
C
K
A
C
K
A
C
K
N
O
A
C
K
A
C
K
D ATA
BYTE
n
D ATA
BYTE
n+1
D ATA
BYTE
n+2
D ATA
BYTE
n+x
BUS ACTIVITY:
MASTER
SLAVE
Figure 12. Sequential Read Sequence


유사한 부품 번호 - CAT24C08VP2E-GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C08VP2E-GT3 ONSEMI-CAT24C08VP2E-GT3 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
More results

유사한 설명 - CAT24C08VP2E-GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com