전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6433BDQ 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI6433BDQ
상세설명  P-Channel 2.5-V (G-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6433BDQ 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SI6433BDQ Datasheet HTML 2Page - Vishay Siliconix SI6433BDQ Datasheet HTML 3Page - Vishay Siliconix SI6433BDQ Datasheet HTML 4Page - Vishay Siliconix SI6433BDQ Datasheet HTML 5Page - Vishay Siliconix SI6433BDQ Datasheet HTML 6Page - Vishay Siliconix SI6433BDQ Datasheet HTML 7Page - Vishay Siliconix SI6433BDQ Datasheet HTML 8Page - Vishay Siliconix SI6433BDQ Datasheet HTML 9Page - Vishay Siliconix SI6433BDQ Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
E
C
R 0.10
(4 Corners)
B
R 0.10
Corners)
D
L
L1
oK1
e
Package Information
Vishay Siliconix
Document Number: 71201
06-Jul-01
www.vishay.com
1
TSSOP:
8LEAD
JEDEC Part Number: MO-153
MILLIMETERS
Dim
Min
Nom
Max
A
1.20
A1
0.05
0.10
0.15
A2
0.80
1.00
1.05
B
0.19
0.28
0.30
C
0.127
D
2.90
3.00
3.10
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
0.65
L
0.45
0.60
0.75
L1
0.90
1.00
1.10
Y
0.10
oK1
0
_
3
_
6
_
ECN: S-03946—Rev. G, 09-Jul-01
DWG: 5844


유사한 부품 번호 - SI6433BDQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6433BDQ VISHAY-SI6433BDQ Datasheet
221Kb / 3P
   P-Channel 2.5-V (G-S) MOSFET
21-May-04
SI6433BDQ VISHAY-SI6433BDQ Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
More results

유사한 설명 - SI6433BDQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com