전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1135F 데이터시트(PDF) 7 Page - Panasonic Semiconductor

부품명 AM1135F
상세설명  HIGH CONTACT CAPACITY, PRECISE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1135F 데이터시트(HTML) 7 Page - Panasonic Semiconductor

  AM1135F Datasheet HTML 1Page - Panasonic Semiconductor AM1135F Datasheet HTML 2Page - Panasonic Semiconductor AM1135F Datasheet HTML 3Page - Panasonic Semiconductor AM1135F Datasheet HTML 4Page - Panasonic Semiconductor AM1135F Datasheet HTML 5Page - Panasonic Semiconductor AM1135F Datasheet HTML 6Page - Panasonic Semiconductor AM1135F Datasheet HTML 7Page - Panasonic Semiconductor AM1135F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AM1
Rigid roller lever
mm General tolerance:
±0.4
AM1543F (Solder terminal)
AM1743F (Screw terminal)
26.1
34.1 max.
20.1
±0.5
O.P.
F.P.
R31
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
1.67 N
Release force,
min.
0.42 N
Pretravel,
max. mm
4.5
Movement differential,
max. mm
0.5
Overtravel,
min. mm
2.4
Operating position,
mm
41.3
±0.4
CAD Data
3. Reversed action types
When the actuator is operated, the switching mechanism returns to the free position. Extraordinary force by pushing the plunger too
much is not put on the switching mechanism, which means stability in life.
Rigid lever
AM1531F (Solder terminal)
AM1731F (Screw terminal)
18.7
17.5
20.1
±0.5
4.5
±0.1
25.4
±0.1
9.1
11.9
11.9
49.2
16.9
±0.8
F.P.
Lever: Stainless steel
O.P.
R56
4.2 +
0.1
−0.05
4.2
dia. hole
+0.1
−0.05
4.8
Operating force,
max.
1.67 N
Release force,
min.
0.27 N
Pretravel,
max. mm
5.0
Movement differential,
max. mm
0.9
Overtravel,
min. mm
5.6
Operating position,
mm
19.1
±0.8
CAD Data
Rigid short roller lever
AM1534F (Solder terminal)
AM1734F (Screw terminal)
18.7
20.1
±0.5
F.P.
O.P.
R19
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
5.30 N
Release force,
min.
1.67 N
Pretravel,
max. mm
2.5
Movement differential,
max. mm
0.4
Overtravel,
min. mm
2.0
Operating position,
mm
30.2
±0.5
CAD Data
Rigid roller lever
AM1533F (Solder terminal)
AM1733F (Screw terminal)
18.7
20.1
±0.5
F.P.
O.P.
R41
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
2.35 N
Release force,
min.
0.56 N
Pretravel,
max. mm
3.6
Movement differential,
max. mm
0.7
Overtravel,
min. mm
4.0
Operating position,
mm
30.2
±0.8
CAD Data
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


유사한 부품 번호 - AM1135F

제조업체부품명데이터시트상세설명
logo
AMtek SEMICONDUCTORS CO...
AM1107 AMTEK-AM1107 Datasheet
699Kb / 12P
   One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1107EA AMTEK-AM1107EA Datasheet
599Kb / 12P
   One Channel H-Bridge Power Driver
Oct. 2016 V0.1
logo
Analog Power
AM110N03-03P ANALOGPOWER-AM110N03-03P Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM110N06-08P ANALOGPOWER-AM110N06-08P Datasheet
338Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - AM1135F

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
   High Contact Force Provides Stable Electrical and Mechanical Operation
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
   High surge capacity
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com