전자부품 데이터시트 검색엔진 |
|
CB1AHF-M-12V 데이터시트(PDF) 5 Page - Panasonic Semiconductor |
|
CB1AHF-M-12V 데이터시트(HTML) 5 Page - Panasonic Semiconductor |
5 / 9 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ CB ASCTB220E 201208-T CB RELAYS (High contact capacity type) 1. Allowable ambient temperature (High resistant/high contact capacity type) 2. Ambient temperature and operating voltage range (High contact capacity/standard type) 3. Distribution of pick-up and drop-out voltage Sample: CB1aHF-12V, 53pcs. 20 40 60 80 100 120 140 150 90 100 110 120 130 140 150 Applied coil voltage, %V 70A 30A 40A 50A 60A Ambient temperature, °C 0 5 10 15 35 30 25 20 40 −40 −20 20 40 60 100 0 120 80 85 Pick-up voltage (Cold start) Operating voltage range 0 30 20 10 40 50 60 70 1.5 1.0 0.5 0 2.5 2.0 3.0 3.5 4.5 5.0 4.0 5.5 6.0 6.5 Voltage, V Pick-up voltage Drop-out voltage Assumption: • Maximum mean coil temperature: 180 °C • Curves are based on 1.4W (Nominal power consumption of the unsupprressed coil at nominal voltage) 4. Distribution of operate and release time Sample: CB1aHF-12V, 53pcs. 5. Contact resistance Sample: CB1aHF-12V, 53pcs. (By voltage drop 6V DC 1A) 0 6 4 2 8 10 12 12 10 814 Release time Coil voltage, V Operate time 0 30 20 10 40 50 60 70 Resistance, m Ω 1.0 1.2 1.4 1.6 1.8 2.2 2.4 2.0 2.6 2.8 6. Electrical life test (Motor free) Sample: CB1aH-12V, 3pcs. Load: Inrush current: 64A/Steady current: 35A Fan motor actual load (motor free) 12V DC Operating frequency: ON 3s, OFF 7s Ambient temperature: Room temperature Circuit Change of pick-up and drop-out voltage Change of contact resistance 10s 3s 7s M 0 No. of operations, × 104 Max. Max. Min. Min. X X 2 1 4 6 8 9 7 5 3 10 010 5 Pick-up voltage Drop-out voltage 0 No. of operations, × 104 Max. Min. X 10 50 20 30 40 010 5 Load current waveform Inrush current: 64A, Steady current: 35A 500ms 10A |
유사한 부품 번호 - CB1AHF-M-12V |
|
유사한 설명 - CB1AHF-M-12V |