전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN5750 데이터시트(HTML) 3 Page - Fairchild Semiconductor

부품명 MAN5750
상세내용  0.510-INCH (13MM) SEVEN SEGMENT DISPLAYS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

MAN5750 데이터시트(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 3 / 10 page
background image
7/21/03
Page 3 of 10
© 2003 Fairchild Semiconductor Corporation
0.510-INCH (13MM)
SEVEN SEGMENT DISPLAYS
YELLOW MAN5350/5360
RED
MAN5750/5760
GREEN
MAN5450/5460
HER
MAN5950/5960
ELECTRO-OPTICAL CHARACTERISTICS (TA = 25°C Unless Otherwise Specified)
Parameter
Min.
Typ.
Max.
Units
Test Condition
Red
MAN5750/MAN5760
Luminous Intensity, digit average
(See Note 1)
280
500
250
µcd
µcd
IF = 10 mA
IF = 5 mA
Peak emission wavelength
655
nm
IF = 10 mA
Dominant wavelength
645
nm
IF = 10 mA
Spectral line half width
20
nm
Forward voltage
1.6
2.0
V
IF = 20 mA
Dynamic resistance
2
IF = 20 mA
Capacitance
35
pF
VR = 0, f = 1MHz
Reverse current
10
µA
VR = 6.0 V
HER
MAN5950/MAN5960
Luminous Intensity, digit average
(See Note 1)
820
2500
700
µcd
µcd
IF = 10 mA
IF = 5 mA
Peak emission wavelength
635
nm
IF = 10 mA
Dominant wavelength
615
630
nm
IF = 10 mA
Spectral line half width
40
nm
Forward voltage
2.0
3.0
V
IF = 20 mA
Dynamic resistance
26
IF = 20 mA
Capacitance
35
pF
VR = 0, f = 1MHz
Reverse current
10
µA
VR = 6.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
MAN53500.510 INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreQT Optoelectronics
MAN3400A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreQT Optoelectronics
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
FND367SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
HDSP-AX11Black Surface Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP-30110 mm and 13 mm Slim Font Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN3900A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-530114.2 mm 0.56 inch Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP530X14.2 mm 0.56 inch Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn