전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN5750 데이터시트(HTML) 4 Page - Fairchild Semiconductor

부품명 MAN5750
상세내용  0.510-INCH (13MM) SEVEN SEGMENT DISPLAYS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

MAN5750 데이터시트(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 4 / 10 page
background image
7/21/03
Page 4 of 10
© 2003 Fairchild Semiconductor Corporation
0.510-INCH (13MM)
SEVEN SEGMENT DISPLAYS
YELLOW MAN5350/5360
RED
MAN5750/5760
GREEN
MAN5450/5460
HER
MAN5950/5960
Notes:
1. The digit average Luminous Intensity is obtained by summing the Luminous Intensity of each segment and dividing by the total
number of segments. Intensity will not vary more than ±33.3% between all segments within a digit.
2. The relative Luminous Intensity in this curve is normalized to the brightness at 25°C to indicate the relative efficiency over the
operating temperature range.
3. Leads of the device immersed to 1/16 inch from the body. Maximum device surface temperature is 140°C.
4. For flux removal, Freon TF, Freon TE, Isoproponal or water may be used to up their boiling points.
5. All displays are categorized for Luminous Intensity. The intensity category is marked on each part as a suffix letter to the part
number.
ABSOLUTE MAXIMUM RATINGS
Rating
MAN5350
MAN5360
MAN5450
MAN5460
MAN5750
MAN5760
MAN5950
MAN5960
Power dissipation at 25°C ambient
600 mW
570 mW
480 mW
600 mW
Derate linearly from 50°C
-10.3 mW/°C
-12 mW/°C
-6.9 mW/°C
-8.6 mW/°C
Storage and operating temperature
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
Continuous forward current
Total
Per segment
Decimal point
200 mA
25 mA
25 mA
240 mA
30 mA
30 mA
240 mA
30 mA
30 mA
240 mA
30 mA
30 mA
Reverse voltage
Per segment
Decimal point
6.0 V
6.0 V
6.0 V
6.0 V
6.0 V
6.0 V
6.0 V
6.0 V
Soldering time at 260°C (See Notes 3 and 4)
5 sec.
5 sec.
5 sec.
5 sec.
RECOMMENDED OPTICAL FILTERS
For optimum ON and OFF contrast, one of the following filters or equivalents should be used over the display:
Device Type
Filter
Device Type
Filter
MAN5350
MAN5360
Panelgraphic Yellow 25 or Amber 23
Homalite 100-1720 or 100-1726
Panelgraphic Grey 10
Homalite 100-1266 Grey
MAN5450
MAN5460
Panelgraphic Green 48
Homalite 100-1440 Green
Panelgraphic Grey 10
Homalite 100-1266 Grey
MAN5750
MAN5760
Panelgraphic Red 60
Homalite 100-1605
MAN5950
MAN5960
Panelgraphic Scarlet 65
Homalite 100-1670


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
MAN53500.510 INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreQT Optoelectronics
MAN3400A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreQT Optoelectronics
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
FND367SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
HDSP-AX11Black Surface Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP-30110 mm and 13 mm Slim Font Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN3900A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-530114.2 mm 0.56 inch Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP530X14.2 mm 0.56 inch Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn