์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN5750 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Fairchild Semiconductor

๋ถ€ํ’ˆ๋ช… MAN5750
์ƒ์„ธ๋‚ด์šฉ  0.510-INCH (13MM) SEVEN SEGMENT DISPLAYS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  FAIRCHILD [Fairchild Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.fairchildsemi.com
Logo 

MAN5750 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 5 / 10 page
background image
7/21/03
Page 5 of 10
ยฉ 2003 Fairchild Semiconductor Corporation
0.510-INCH (13MM)
SEVEN SEGMENT DISPLAYS
YELLOW MAN5350/5360
RED
MAN5750/5760
GREEN
MAN5450/5460
HER
MAN5950/5960
ELECTRICAL CONNECTIONS
Pin No.
A
MAN5X50
B
MAN5X60
1
Cathode E
Anode E
2
Cathode D
Anode D
3
Com. Anode
Com. Cathode
4
Cathode C
Anode C
5
Cathode D.P.
Anode D.P.
6
Cathode B
Anode B
7
Cathode A
Anode A
8
Com. Anode
Com. Cathode
9
Cathode F
Anode F
10
Cathode G
Anode G
INTERNAL CONNECTIONS
3
MAN5X50
MAN5X60
E
1
D
2
C
4
B
6
A
7
F
9
G
10
DP
5
8
3
E
1
D
2
C
4
B
6
A
7
F
9
G
10
DP
5
8


Html Pages

1  2  3  4  5  6  7  8  9  10 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
MAN53500.510 INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreQT Optoelectronics
MAN3400A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreQT Optoelectronics
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
FND367SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
HDSP-AX11Black Surface Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP-30110 mm and 13 mm Slim Font Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN3900A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-530114.2 mm 0.56 inch Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP530X14.2 mm 0.56 inch Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn