전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN5750 데이터시트(HTML) 1 Page - Fairchild Semiconductor

부품명 MAN5750
상세내용  0.510-INCH (13MM) SEVEN SEGMENT DISPLAYS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

MAN5750 데이터시트(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 1 / 10 page
background image
PACKAGE DIMENSIONS
7/21/03
Page 1 of 10
© 2003 Fairchild Semiconductor Corporation
0.510-INCH (13MM)
SEVEN SEGMENT DISPLAYS
YELLOW MAN5350/5360
RED
MAN5750/5760
GREEN
MAN5450/5460
HER
MAN5950/5960
APPLICATIONS
For industrial and consumer applications such as:
Digital readout displays
Instrument panels
•Point of sale equipment
Digital clocks
TV and radios
MODEL NUMBERS
Part Number
Color
Description
Pin Out Specification
(See Page 5)
MAN5350
MAN5360
Yellow
Yellow
Common Anode
Common Cathode
A
B
MAN5450
MAN5460
Green
Green
Common Anode
Common Cathode
A
B
MAN5750
MAN5760
Red
Red
Common Anode
Common Cathode
A
B
MAN5950
MAN5960
HER
HER
Common Anode
Common Cathode
A
B
A
F
B
G
E
D
C
DP
0.512 (13mm)
Date Code
Part
Identification
NOTE: Dimensions in inches (mm)
Tolerances
±0.010" unless otherwise specified
Part
No.
XYY
Z
Pin #1
Light Intensity Category
0.291
(7.4mm)
0.049
(1.25mm)
10
°
0.049
(1.25mm)
0.482
(12.25mm)
0.252
(6.4mm)
0.100
(2.54mm)
0.012
(0.3mm)
0.600
(15.24mm)
0.020
(0.5mm)
0.276
(7.0mm)
0.417
(10.6mm)
±0.006
±0.012
±0.002
±0.006
±0.012
0.689
(17.5mm)
+0.012
-0.004
±0.004
DESCRIPTION
This display series is a family of large digits
0.510 inches in height. All models have right
hand decimal points and are availble in common
anode or common cathode configurations. All
units are constructed with untinted segments on
grey face to enhance ON/OFF contrast. Stan-
dard units are available in red, orange-red,
green and yellow.
FEATURES
Large, easy to read, digits
Common anode or common cathode models
•Fast switching — excellent for multiplexing
•Low power consumption
Bold solid segments that are highly legible
Solid state reliability — long operation life
Rugged plastic construction
Directly compatible with integrated circuits
High brightness with high contrast
Categorized for Luminous Intensity
(See Note 5)
Wide angle viewing...150°
•Low forward voltage
Untinted segments on grey face


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
MAN53500.510 INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreQT Optoelectronics
MAN3400A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreQT Optoelectronics
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
FND367SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
HDSP-AX11Black Surface Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP-30110 mm and 13 mm Slim Font Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN3900A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-530114.2 mm 0.56 inch Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP530X14.2 mm 0.56 inch Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn