전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAN6111C 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 MAN6111C
상세설명  0.56 INCH (14.2 MM) DUAL DIGIT STICK DISPLAY DIAMOND Font
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MAN6111C 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  MAN6111C Datasheet HTML 1Page - Fairchild Semiconductor MAN6111C Datasheet HTML 2Page - Fairchild Semiconductor MAN6111C Datasheet HTML 3Page - Fairchild Semiconductor MAN6111C Datasheet HTML 4Page - Fairchild Semiconductor MAN6111C Datasheet HTML 5Page - Fairchild Semiconductor MAN6111C Datasheet HTML 6Page - Fairchild Semiconductor MAN6111C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
0.56 INCH (14.2 MM)
SINGLE DIGIT STICK DISPLAY
DIAMOND Font


유사한 부품 번호 - MAN6111C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MAN6110E FAIRCHILD-MAN6110E Datasheet
283Kb / 7P
   0.56 INCH (14.2 MM) DUAL DIGIT STICK DISPLAY
More results

유사한 설명 - MAN6111C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MAN6161C FAIRCHILD-MAN6161C Datasheet
490Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY DIAMOND Font
MAN6110E FAIRCHILD-MAN6110E Datasheet
283Kb / 7P
   0.56 INCH (14.2 MM) DUAL DIGIT STICK DISPLAY
MAN6160E FAIRCHILD-MAN6160E Datasheet
269Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
MSQ6110C FAIRCHILD-MSQ6110C Datasheet
285Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
MSQ6111C FAIRCHILD-MSQ6111C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
MST6110C FAIRCHILD-MST6110C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
MST6111C FAIRCHILD-MST6111C Datasheet
278Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
logo
Lite-On Technology Corp...
LTC-5723HR LITEON-LTC-5723HR Datasheet
408Kb / 7P
   0.56 inch (14.2 mm) DIGIT HEIGHT.
logo
Fairchild Semiconductor
MSQC6110W FAIRCHILD-MSQC6110W Datasheet
67Kb / 7P
   14mm (0.56 inch) Four Digit CLOCK STICK DISPLAY
MSQC6110C FAIRCHILD-MSQC6110C Datasheet
337Kb / 7P
   14mm (0.56 inch) Four Digit CLOCK STICK DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com