전자부품 데이터시트 검색엔진 |
|
AM171812F 데이터시트(PDF) 2 Page - Panasonic Semiconductor |
|
AM171812F 데이터시트(HTML) 2 Page - Panasonic Semiconductor |
2 / 8 page AM1 PRODUCT TYPES 1. Standard type 2. Oil tight types Remarks: 1. Standard part number indicates UL/C-UL mark. 2. Standard packing for inner carton: 20cps. SPECIFICATIONS 1. Contact Rating 2. Characteristics Actuator Solder terminal Screw terminal Pin plunger AM1100F AM1300F Over travel plunger AM1105F AM1305F Compact over travel plunger AM1106F AM1306F Panel mount plunger AM1107F AM1307F Panel mount roller plunger AM110811F AM130811F Panel mount cross roller plunger AM110812F AM130812F Flexible leaf lever AM1101F AM1301F Flexible roller leaf lever AM1103F AM1303F Rigid lever AM1501F AM1701F Rigid short roller lever AM1504F AM1704F Rigid roller lever AM1503F AM1703F One way type•Rigid short roller lever AM1544F AM1744F One way type•Rigid roller lever AM1543F AM1743F Reversed action type•Rigid lever AM1531F AM1731F Reversed action type •Rigid short roller lever AM1534F AM1734F Reversed action type•Rigid roller lever AM1533F AM1733F Actuator Solder terminal Screw terminal Rigid lever AM1511F AM1711F Rigid short roller lever AM1514F AM1714F Rigid roller lever AM1513F AM1713F Type Voltage Resistive load (cos φ = 1) Inductive load (cos φ = 0.6 to 0.7) Motor or lamp load N.C. N.O. Standard types One way types Reversed action types 125 V AC 10 A 6 A 3 A 1.5 A 250 V AC 10 A 6 A 2 A 1 A 480 V AC 1 A 0.5 A — — 125 V DC 0.5 A 0.05 A — — 250 V DC 0.25 A 0.03 A — — Oil tight types 125 V AC 10 A 6 A 3 A 1.5 A 250 V AC 10 A 6 A 2 A 1.0 A 125 V DC 0.5 A 0.05 A — — Item Specifications Expected life Mechanical Pin plunger types (O.T.: specified value) Min. 2 ×107 (60 cpm) (at rated overtravel) (Oil tight: Min. 1.5 ×106) Other types (O.T.: specified value) Min. 5 ×106 (60 cpm) (at rated overtravel) (Oil tight: Min. 1.5 ×106) Electrical (O.T.: Max.) Min. 5 ×105 (20 cpm) (at rated load) (Oil tight: Min. 1.5 ×105) Insulation resistance Min. 100 M Ω(at 500 V DC) Dielectric strength Between open terminals 1,000 Vrms for 1 min. Between each terminal and other exposed metal parts 2,000 Vrms for 1 min. Between each terminal and ground 2,000 Vrms for 1 min. Contact resistance (initial) (by voltage drop, 1 A, 6–8 V DC) Max. 50 m Ω Vibration resistance (Pin plunger type) Single amplitude: 0.75 mm, 10 to 55 Hz (contact opening: max. 1 msec.) Shock resistance Pin plunger types Min. 300 m/s2 (contact opening: max. 1 msec.) Other types Min. 50 m/s2 (contact opening: max. 1 msec.) Allowable operating speed (at no load) 0.1 to 1,000 mm/sec. (at pin plunger position) Max. operating cycle rate (at no load) 240 cpm Ambient temperature –25 °C to +80°C (no freezing at low temperature) Weight Approx. 20 to 55 g AECTB8E 201201-T Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e |
유사한 부품 번호 - AM171812F |
|
유사한 설명 - AM171812F |