전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD6100W-AU_LD_10001 데이터시트(PDF) 4 Page - Pan Jit International Inc.

부품명 MMBD6100W-AU_LD_10001
상세설명  SURFACE MOUNT SWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD6100W-AU_LD_10001 데이터시트(HTML) 4 Page - Pan Jit International Inc.

  MMBD6100W-AU_LD_10001 Datasheet HTML 1Page - Pan Jit International Inc. MMBD6100W-AU_LD_10001 Datasheet HTML 2Page - Pan Jit International Inc. MMBD6100W-AU_LD_10001 Datasheet HTML 3Page - Pan Jit International Inc. MMBD6100W-AU_LD_10001 Datasheet HTML 4Page - Pan Jit International Inc. MMBD6100W-AU_LD_10001 Datasheet HTML 5Page - Pan Jit International Inc. MMBD6100W-AU_LD_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
REV.0.1-FEB.10.2009
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
0.026
(0.66)
0.026
(0.65)
0.026
(0.65)


유사한 부품 번호 - MMBD6100W-AU_LD_10001

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD6100W PANJIT-MMBD6100W Datasheet
859Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W PANJIT-MMBD6100W_09 Datasheet
572Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W PANJIT-MMBD6100W_13 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W_R1_00001 PANJIT-MMBD6100W_R1_00001 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W_R2_00001 PANJIT-MMBD6100W_R2_00001 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
More results

유사한 설명 - MMBD6100W-AU_LD_10001

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com