전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN6400 데이터시트(HTML) 3 Page - Fairchild Semiconductor

부품명 MAN6400
상세내용  0.560-INCH SEVEN SEGMENT DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

MAN6400 데이터시트(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 3 / 6 page
background image
7/16/03
Page 3 of 6
© 2003 Fairchild Semiconductor Corporation
0.560-INCH
SEVEN SEGMENT DISPLAYS
HIGH EFFICIENCY GREEN MAN6400 SERIES
Notes:
1. The digit average Luminous Intensity is obtained by summing the Luminous Intensity of each segment and dividing by the total
number of segments. Intensity will not vary more than ±33.3% between all segments within a digit.
2. The curve in Figure 3 is normalized to the brightness at 25°C to indicate the relative efficiency over the operating temperature
range.
3. Leads of the device immersed to 1/16 inch from the body. Maximum device surface temperature is 140°C.
4. For flux removal, Freon TF, Freon TE, Isoproponal or water may be used up to their boiling points.
5. All displays are categorized for Luminous Intensity. The Intensity category is marked on each part as a suffix letter to the part
number.
TYPICAL THERMAL CHARACTERISTICS
Thermal resistance junction to free air
φJA
160°C/W
Wavelength temperature coefficient (case temperature)
1.0Å/°C
Forward voltage temperature coefficient
-2.0 mV/°C
ELECTRICAL CONNECTIONS
Pin
No.
ELECTRICAL CONNECTIONS
A
MAN6410
B
MAN6440
C
MAN6460
D
MAN6480
1
Cathode E 1
Anode E 1
Cathode E
Anode E
2
Cathode D 1
Anode D 1
Cathode D
Anode D
3
Cathode C 1
Anode C 1
Common Anode
Common Cathode
4
Cathode D.P. 1
Anode D.P. 1
Cathode C
Anode C
5
Cathode E 2
Anode E 2
Cathode D.P.
Anode D.P.
6
Cathode D 2
Anode D 2
Cathode B
Anode B
7
Cathode G 2
Anode G 2
Cathode A
Anode A
8
Cathode C 2
Anode C 2
Common Anode
Common Cathode
9
Cathode D.P. 2
Anode D.P. 2
Cathode F
Anode F
10
Cathode B 2
Anode B 2
Cathode G
Anode G
11
Cathode A 2
Anode A 2
12
Cathode F 2
Anode F 2
13
Anode Digit 2
Cathode Digit 2
14
Anode Digit 1
Cathode Digit 1
15
Cathode B 1
Anode B 1
16
Cathode A 1
Anode A 1
17
Cathode G 1
Anode G 1
18
Cathode F 1
Anode F 1


Html Pages

1  2  3  4  5  6 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 Fairchild Semiconductor
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-U8 mm 0.31 inch Ultra Mini Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN57500.510-INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn