전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN6400 데이터시트(HTML) 4 Page - Fairchild Semiconductor

부품명 MAN6400
상세내용  0.560-INCH SEVEN SEGMENT DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MAN6400 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  MAN6400 데이터시트 HTML 1Page - Fairchild Semiconductor MAN6400 데이터시트 HTML 2Page - Fairchild Semiconductor MAN6400 데이터시트 HTML 3Page - Fairchild Semiconductor MAN6400 데이터시트 HTML 4Page - Fairchild Semiconductor MAN6400 데이터시트 HTML 5Page - Fairchild Semiconductor MAN6400 데이터시트 HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7/16/03
Page 4 of 6
© 2003 Fairchild Semiconductor Corporation
0.560-INCH
SEVEN SEGMENT DISPLAYS
HIGH EFFICIENCY GREEN MAN6400 SERIES
TYPICAL CHARACTERISTIC CURVES
50
60
70
80
90
100
40
30
20
10
4.0
3.0
2.0
1.0
0
0
800
600
1000
400
200
80
60
100
40
20
0
1.0
2.0
Forward Voltage (VF) – Volts
Fig. 1 Forward Current vs. Forward Voltage
DC Forward Current – IF mA
Fig. 2. Relative Luminous Intensity vs. DC Forward Current
3.0
4.0
10
100
1000
Pulse Duration µs
Fig. 3 Maximum Peak Current vs. Pulse Duration
10000
4.0
3.0
2.0
1.0
0
2.0
% Duty Cycle
Fig. 5 Relative Efficiency vs. Duty Cycle
5.0
19
20
50
DC
05
10
15
20
25
30
130
80
90
100
110
120
70
Temperature – TA °C
Fig. 4 Relative Luminous Intensity vs. Temperature
-55
-25
0
25
50
75
100
(Dotted Line
Indicates
Pulsed Operation
See Figs. 3, 5)
Normalized at IF = 10 mA
100Hz
300Hz
1.0
KHz
3.0
KHz
10
KHz
Normalized
at 25°C
IF (AVG) = 20 mA
10 mA
5 mA
2.5 mA


Html Pages

1  2  3  4  5  6 


데이터시트 Download

Go To PDF Page

관련 부품명

부품명상세내용Html View제조사
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 Fairchild Semiconductor
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-U8 mm 0.31 inch Ultra Mini Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN57500.510-INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn