์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN6400 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Fairchild Semiconductor

๋ถ€ํ’ˆ๋ช… MAN6400
์ƒ์„ธ๋‚ด์šฉ  0.560-INCH SEVEN SEGMENT DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  FAIRCHILD [Fairchild Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.fairchildsemi.com
Logo 

MAN6400 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 5 / 6 page
background image
7/16/03
Page 5 of 6
ยฉ 2003 Fairchild Semiconductor Corporation
0.560-INCH
SEVEN SEGMENT DISPLAYS
HIGH EFFICIENCY GREEN MAN6400 SERIES
INTERNAL CONNECTIONS
14
38
E
1
D
2
C
3
B
15
A
16
G
17
F
18
DP
4
E
1
D
2
C
4
B
6
A
7
G
10
F
9
DP
5
38
E
1
D
2
C
4
B
6
A
7
G
10
F
9
DP
5
E
5
D
6
G
7
C
8
B
10
A
11
F
12
DP
9
13
FIRST
DIGIT
SECOND
MAN6410
MAN6640
MAN6460
MAN6480
DIGIT
14
E
1
D
2
C
3
B
15
A
16
G
17
F
18
DP
4
E
5
D
6
G
7
C
8
B
10
A
11
F
12
DP
9
13
FIRST
DIGIT
SECOND
DIGIT


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 Fairchild Semiconductor
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-U8 mm 0.31 inch Ultra Mini Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN57500.510-INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn