전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN6400 데이터시트(HTML) 1 Page - Fairchild Semiconductor

부품명 MAN6400
상세내용  0.560-INCH SEVEN SEGMENT DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

MAN6400 데이터시트(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 1 / 6 page
background image
PACKAGE DIMENSIONS
7/16/03
Page 1 of 6
© 2003 Fairchild Semiconductor Corporation
0.560-INCH
SEVEN SEGMENT DISPLAYS
HIGH EFFICIENCY GREEN MAN6400 SERIES
MODEL NUMBERS
Part Number
Color
Description
Package
Drawing
Pin Out
Specification
MAN6410
High Eff. Green
2 Digit; Common Anode; Rt. Hand Decimal
A
A
MAN6440
High Eff. Green
2 Digit; Common Cathode; Rt. Hand Decimal
A
B
MAN6460
High Eff. Green
Single Digit; Common Anode; Rt. Hand Decimal
B
C
MAN6980
High Eff. Green
Single Digit; Common Cathode; Rt. Hand Decimal
B
D
.985"
(25.02 mm)
±.010"
.480"
(12.20 mm)
±.010"
.320"
(8.13 mm)
.500"
(12.70 mm)
.560"
(14.22 mm)
.600"
(15.24 mm)
+.015"
.600"
(15.24 mm)
+.015"
.315"
(8.00 mm)
±.010"
.315"
(8.00 mm)
±.010"
.100"
(2.54 mm)
.100" TYP
(2.54 mm)
.020"
(0.51 mm)
+.004"
-.000"
.020"
(0.51 mm)
+.004"
-.000"
.010"
(0.25 mm)
+.007"
-.000"
.010"
(0.25 mm)
+.007"
-.000"
.160"
(4.06 mm)
+.015"
.160"
(4.06 mm)
+.015"
.050"
+.004"
-.000"
(1.27 mm)
.050"
(1.27 mm)
PIN #1
PIN #1
PIN #5
(NOTE SQUARE
BASE ON
LEAD)
.320"
(8.13 mm)
.066" DIA
(1.68 mm)
.066" DIA
DIGIT = 1
PART
IDENTIFICATION
PART
IDENTIFICATION
DATE CODE
DATE CODE
PART NO.
PART
NO.
XYY
XYY
Z
Z
LIGHT
INTENSITY CAT.
LIGHT INTENSITY CAT.
.560"
+0.010"
(14.22 mm)
A
F
E
G
D
B
C
DP
A
F
E
G
D
B
C
DP
A
F
E
G
D
B
C
DP
.750"
(19.05 mm)
+.010"
.750"
(19.05 mm)
+.010"
Description
The MAN6400 Series is a family of large digits
which includes double and single digits. The series
features the sculptured font which minimizes “gappi-
ness” at the segment intersections. All models have
right hand decimal points and are available in com-
mon anode or common cathode configuration. This
device has a Grey face and clear segments to
enhance ON and OFF contrast.
Features
High Efficiency Green nitrogen-doped GaAsP on
GaP
Large, easy to read, digits
Common anode or common cathode models
•Fast switching — excellent for multiplexing
•Low power consumption
Bold solid segments that are highly legible
Solid state reliability — long operation life
Rugged plastic construction
Directly compatible with integrated circuits
High brightness with high contrast
Categorized for Luminous Intensity (See Note 5)
Wide angle viewing...150°
•Low forward voltage
•Two-digit package simplifies alignment and
assembly
Applications
For industrial and consumer applications such as:
Digital readout displays
Instrument panels
•Point of sale equipment
Digital clocks
TV and radios


Html Pages

1  2  3  4  5  6 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 Fairchild Semiconductor
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-U8 mm 0.31 inch Ultra Mini Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN57500.510-INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn