전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAN6400 데이터시트(HTML) 2 Page - Fairchild Semiconductor

부품명 MAN6400
상세내용  0.560-INCH SEVEN SEGMENT DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

MAN6400 데이터시트(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 2 / 6 page
background image
7/16/03
Page 2 of 6
© 2003 Fairchild Semiconductor Corporation
0.560-INCH
SEVEN SEGMENT DISPLAYS
HIGH EFFICIENCY GREEN MAN6400 SERIES
RECOMMENDED OPTICAL FILTERS
For optimum ON and OFF contrast, one of the following filters or equivalents should be used over the display:
Device Type
Filter
MAN6400 Series
Panelgraphic Green 48
Homalite 100-1440 Green
Panelgraphic Grey 10
Homalite 100-1266 Grey
ELECTRO-OPTICAL CHARACTERISTICS
(Per Diode 25°C Free Air Temperature Unless Otherwise Specified)
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity, digit average (See Note 1)
510
2200
µcd
IF = 10 mA
Peak emission wavelength
565
nm
Spectral line half width
30
nm
Forward voltage
Segment
Decimal point
2.1
2.1
2.8
2.8
V
V
IF = 20 mA
IF = 20 mA
Dynamic resistance
Segment
Decimal point
26
26
IF = 20 mA
IF = 20 mA
Capacitance
Segment
Decimal point
35
35
pF
pF
V = 0
V = 0
Reverse current
Segment
Decimal point
100
100
µA
µA
VR = 3.0V
VR = 3.0V
Ratio IL
2:1
IF = 10 mA
ABSOLUTE MAXIMUM RATINGS
MAN64X0
Power dissipation at 25°C ambient
600mW
Derate linearly from 50°C
Storage and operating temperature
-40°C to +85°C
Continuous forward current
Total
Per segment
Decimal point
30 mA
30 mA
Reverse voltage
Per segment
Decimal point
6.0 V
6.0 V
Soldering time at 260°C (See Notes 3 and 4)
5 sec.


Html Pages

1  2  3  4  5  6 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
MAN64000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 QT Optoelectronics
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 QT Optoelectronics
MAN66000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN67000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 Fairchild Semiconductor
MAN69000.560-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
MAN3480A0.300-INCH SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor
HDSP-U8 mm 0.31 inch Ultra Mini Seven Segment Displays 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAN57500.510-INCH 13MM SEVEN SEGMENT DISPLAYS 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn