전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74279266 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74279266
상세설명  Multilayer-SMD-Ferrite
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74279266 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74279266 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279266 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
Größe / size 0603
A
1,6 ± 0,2
mm
B
0,8 ± 0,2
mm
C
0,8 ± 0,2
mm
D
0,3 ± 0,2
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Impedanz /
impedance
Max. Impedanz /
max. impedance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
33%
+ 20°C
SSt
Update
05-12-16
SST
Tol. Ergänzt
05-07-20
SST
RoHS Update
04-10-11
LF
Update 2GHz
04-01-14
Name
Änderung / modification
Datum / date
Kunde / customer
Freigabe erteilt / general release:
Lagertemperatur / storage temperature: -20°C - + 60°C
G Eigenschaften / general specifications:
F Werkstoffe & Zulassungen / material & approvals:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
0,60
±25%
1000
Ferrit / ferrite
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2005-12-16
max.
mA
Datum / date
...........................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Betriebstemp. / operating temperature: -55°C - +125°C
Basismaterial / base material:
A Mechanische Abmessungen / dimensions:
Kunde / customer :
Multilayer-SMD-Ferrit
Multilayer-SMD-Ferrite
Artikelnummer / part number :
Z
1350
IDC
D Prüfgeräte / test equipment:
HP 4396B / HP 16192A für/for Z und/and material
HP 34401 A für/for RDC und/and IDC
200
...........................................................................
..................................................................................
..................................................................................
Würth Elektronik
140 MHz
100 MHz
RDC
typ.
Z
max.
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
74279266
LF
SEITE 1 VON 2


유사한 부품 번호 - 74279266

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74279266 WURTH-74279266 Datasheet
589Kb / 8P
   WE-CBF SMT EMI Suppression Ferrite Bead
74279266
742792662 WURTH-742792662 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792663 WURTH-742792663 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
742792664 WURTH-742792664 Datasheet
1Mb / 7P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792664 WURTH-742792664 Datasheet
562Kb / 7P
   WE-CBF SMT EMI Suppression Ferrite Bead
005.000
More results

유사한 설명 - 74279266

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427927291 WURTH-7427927291 Datasheet
77Kb / 2P
   Multilayer-SMD-Ferrite
7427927311 WURTH-7427927311 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
7427927130 WURTH-7427927130 Datasheet
75Kb / 2P
   Multilayer-SMD-Ferrite
742792701 WURTH-742792701 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792731 WURTH-742792731 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792693 WURTH-742792693 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
742792010 WURTH-742792010 Datasheet
149Kb / 2P
   Multilayer-SMD-Ferrite
7427927112 WURTH-7427927112 Datasheet
87Kb / 2P
   Multilayer-SMD-Ferrite
74279266A WURTH-74279266A Datasheet
73Kb / 2P
   Multilayer-SMD-Ferrite
742792655 WURTH-742792655 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com