전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7850 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-7850
상세설명  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7850 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7850 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7850 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7850 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7850 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7850 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7850 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7850 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7850 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7850 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Figure 5. Gain and Nonlinearity Test Circuit.
Figure 6. Gain Change vs. Temperature.
Figure 7. Gain Change vs. VDD1 and VDD2.
Figure 8. Nonlinearity Error Plot vs. Input Voltage.
0.1 F
VDD2
8
7
6
1
3
HCPL-7850
5
2
4
0.01
F
10 K
10 K
+15 V
0.1 F
0.1 F
-15 V
+
AD624CD
GAIN = 4
VDD1
13.2
404
VIN
VOUT
+15 V
0.1 F
0.1 F
-15 V
+
AD624CD
GAIN = 10
10 K
0.47
F
0.1 F
VDD – SUPPLY VOLTAGE – V
0.04
0.02
0.10
-0.06
0.06
0.08
4.6
4.8
5.6
4.4
5.4
5.2
5.0
0
-0.02
-0.04
VIN+ – INPUT VOLTAGE – V
-0.05
0.15
-0.10
0.05
0.10
-0.1
0
0.1
0.2
-0.2
0
TA – TEMPERATURE – °C
0
-0.10
0.05
-0.20
-20
20
140
100
-60
60
-0.05
-0.15
0.47
F
0.47
F
vs. VDD1 (VDD2 = 5 V)
vs. VDD2 (VDD1 = 5 V)
TA = 25° C
VDD1 = 5 V
VDD2 = 5 V
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25° C
200 mV ERROR
100 mV ERROR


유사한 부품 번호 - HCPL-7850

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Broadcom Corporation.
HCPL-7850 BOARDCOM-HCPL-7850 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850-100 HP-HCPL-7850-100 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7850-200 HP-HCPL-7850-200 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7850-300 HP-HCPL-7850-300 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

유사한 설명 - HCPL-7850

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com