전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5300 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-5300
상세설명  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5300 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5300 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Switching Specifications (RL= 20 k External)
Over recommended operating conditions: (TA = -55° C to +125° C, VCC = +4.5 V to 30 V, IF(ON) = 10 mA to 20 mA,
VF(OFF) = -5 V to 0.8 V) unless otherwise specified.
Parameter
Symbol
Group A
Subgrps.[12]
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
Time to Low
Output Level
tPHL
9, 10, 11
30
180
450
ns
CL = 100 pF
IF(on) = 10 mA,
VF(off) = 0.8 V,
VCC = 15.0 V,
VTHLH = 2.0 V,
VTHHL = 1.5 V
5, 7,
9-12
3, 4, 5,
6, 7
100
ns
CL = 10 pF
Propagation Delay
Time to High
Output Level
tPLH
9, 10, 11
250
350
650
ns
CL = 100 pF
130
CL = 10 pF
Pulse Width
Distortion
PWD
9, 10, 11
150
450
ns
CL = 100 pF
11
Propagation Delay
Difference Between
Any Two Parts
tPLH -tPHL 9, 10, 11
-170
140
500
ns
8
Output High Level
Common Mode
Immunity Transient
|CMH|
9
10
17
kV/
s
IF = 0 mA,
VO > 3.0 V
VCC = 15.0 V,
CL = 100 pF,
VCM = 1000 VP-P
TA = 25° C
6, 17,
18, 21
9, 13
Output Low Level
Common Mode
Transient Immunity
|CML|
9
10
17
kV/
s
IF = 10 mA
VO < 1.0 V
10, 13
*All typical values at 25° C, VCC = 15 V.


유사한 부품 번호 - HCPL-5300

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300-100 HP-HCPL-5300-100 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

유사한 설명 - HCPL-5300

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com