전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6216PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF6216PBF
상세설명  Reset Switch for Active Clamp Reset DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6216PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRF6216PBF Datasheet HTML 1Page - International Rectifier IRF6216PBF Datasheet HTML 2Page - International Rectifier IRF6216PBF Datasheet HTML 3Page - International Rectifier IRF6216PBF Datasheet HTML 4Page - International Rectifier IRF6216PBF Datasheet HTML 5Page - International Rectifier IRF6216PBF Datasheet HTML 6Page - International Rectifier IRF6216PBF Datasheet HTML 7Page - International Rectifier IRF6216PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF6216PbF
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
1
10
100
1000
-VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
Q , Total Gate Charge (nC)
G
I
=
D
-1.3A
V
= -30V
DS
V
= -75V
DS
V
= -120V
DS
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25
C
J
°
T = 150
C
J
°
1
10
100
1000
-VDS , Drain-toSource Voltage (V)
0.1
1
10
100
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec


유사한 부품 번호 - IRF6216PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6216PBF IRF-IRF6216PBF Datasheet
124Kb / 8P
   HEXFET Power MOSFET
IRF6216PBF-1 IRF-IRF6216PBF-1 Datasheet
199Kb / 8P
   Industry-standard pinout SO-8 Package
IRF6216PBF-1 IRF-IRF6216PBF-1_15 Datasheet
199Kb / 8P
   HEXFET Power MOSFET
IRF6216PBF IRF-IRF6216PBF_15 Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
More results

유사한 설명 - IRF6216PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218PBF IRF-IRF6218PBF_15 Datasheet
142Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6216PBF IRF-IRF6216PBF_15 Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6217PBF IRF-IRF6217PBF_15 Datasheet
130Kb / 8P
   Reset Switch for Active Clamp Reset DC to DC converters
IRF6217 IRF-IRF6217 Datasheet
105Kb / 8P
   HEXFET Power MOSFET(Reset Switch for Active Clamp Reset DC to DC converters)
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
List of Unclassifed Man...
BH6557FV ETC-BH6557FV Datasheet
249Kb / 2P
   DC/DC ConverterReset
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com