전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6655TR1PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF6655TR1PBF
상세설명  Application Specific MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6655TR1PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF6655TR1PBF Datasheet HTML 1Page - International Rectifier IRF6655TR1PBF Datasheet HTML 2Page - International Rectifier IRF6655TR1PBF Datasheet HTML 3Page - International Rectifier IRF6655TR1PBF Datasheet HTML 4Page - International Rectifier IRF6655TR1PBF Datasheet HTML 5Page - International Rectifier IRF6655TR1PBF Datasheet HTML 6Page - International Rectifier IRF6655TR1PBF Datasheet HTML 7Page - International Rectifier IRF6655TR1PBF Datasheet HTML 8Page - International Rectifier IRF6655TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6655PbF
www.irf.com
5
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
1
10
100
TJ = -40°C
TJ = 25°C
TJ = 150°C
VGS = 0V
Fig 12. Maximum Drain Current vs. Ambient Temperature
Fig 13. Threshold Voltage vs. Temperature
Fig 14. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
Starting T J , Junction Temperature (°C)
0
10
20
30
40
50
ID
TOP
0.86A
1.3A
BOTTOM 5.0A
-75 -50 -25
0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
2
2.5
3
3.5
4
4.5
5
5.5
ID = 25µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec
100msec
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
1
2
3
4
5


유사한 부품 번호 - IRF6655TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6655TR1 IRF-IRF6655TR1 Datasheet
271Kb / 11P
   RoHS compliant containing no lead or bromide 
More results

유사한 설명 - IRF6655TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
   Application Specific MOSFETs
IRF6608TR1 IRF-IRF6608TR1 Datasheet
187Kb / 9P
   Application Specific MOSFETs
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
logo
International Rectifier
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com