전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7313TRPBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7313TRPBF
상세설명  Generation V Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7313TRPBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7313TRPBF Datasheet HTML 1Page - International Rectifier IRF7313TRPBF Datasheet HTML 2Page - International Rectifier IRF7313TRPBF Datasheet HTML 3Page - International Rectifier IRF7313TRPBF Datasheet HTML 4Page - International Rectifier IRF7313TRPBF Datasheet HTML 5Page - International Rectifier IRF7313TRPBF Datasheet HTML 6Page - International Rectifier IRF7313TRPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRF7313PbF
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Typical Source-Drain Diode
Forward Voltage
1
10
100
0.1
1
10
20µs PULSE WIDTH
T = 25°C
A
J
DS
V
, Drain-to-Source Voltage (V)
3.0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 3.0V
1
10
100
0.1
1
10
A
DS
V
, Drain-to-Source Voltage (V)
20µs PULSE WIDTH
T = 150°C
J
3.0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 3.0V
1
10
100
3.0
3.5
4.0
4.5
5.0
T = 25°C
T = 150°C
J
J
GS
V
, Gate-to-Source Voltage (V)
A
V
= 10V
20µs PULSE WIDTH
DS
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
VDS


유사한 부품 번호 - IRF7313TRPBF

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
IRF7313TRPBF VBSEMI-IRF7313TRPBF Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - IRF7313TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com