전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MDA6341C 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 MDA6341C
상세설명  0.54 INCH (13.8MM) 14 SEGEMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MDA6341C 데이터시트(HTML) 8 Page - Fairchild Semiconductor

  MDA6341C Datasheet HTML 1Page - Fairchild Semiconductor MDA6341C Datasheet HTML 2Page - Fairchild Semiconductor MDA6341C Datasheet HTML 3Page - Fairchild Semiconductor MDA6341C Datasheet HTML 4Page - Fairchild Semiconductor MDA6341C Datasheet HTML 5Page - Fairchild Semiconductor MDA6341C Datasheet HTML 6Page - Fairchild Semiconductor MDA6341C Datasheet HTML 7Page - Fairchild Semiconductor MDA6341C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
0.54 INCH (13.8MM)
14 SEGMENT, DUAL DIGIT
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
ALPHA - NUMERIC STICK DISPLAY


유사한 부품 번호 - MDA6341C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MDA6340C FAIRCHILD-MDA6340C Datasheet
351Kb / 8P
   0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA-NUMERIC STICK DISPLAY
More results

유사한 설명 - MDA6341C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MDA6110C FAIRCHILD-MDA6110C Datasheet
351Kb / 8P
   0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA-NUMERIC STICK DISPLAY
logo
Kingbright Corporation
PDC54-12YWA KINGBRIGHT-PDC54-12YWA Datasheet
135Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12EWA KINGBRIGHT-PDC54-12EWA Datasheet
129Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12SRWA KINGBRIGHT-PDC54-12SRWA Datasheet
127Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12YWA KINGBRIGHT-PDA54-12YWA Datasheet
136Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12GWA KINGBRIGHT-PDA54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
logo
SunLED Corporation
AMR14C2 SUNLED-AMR14C2 Datasheet
201Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com