전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP7430PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFP7430PBF
상세설명  Brushed Motor drive applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP7430PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRFP7430PBF Datasheet HTML 1Page - International Rectifier IRFP7430PBF Datasheet HTML 2Page - International Rectifier IRFP7430PBF Datasheet HTML 3Page - International Rectifier IRFP7430PBF Datasheet HTML 4Page - International Rectifier IRFP7430PBF Datasheet HTML 5Page - International Rectifier IRFP7430PBF Datasheet HTML 6Page - International Rectifier IRFP7430PBF Datasheet HTML 7Page - International Rectifier IRFP7430PBF Datasheet HTML 8Page - International Rectifier IRFP7430PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFP7430PbF
www.irf.com
3
S
D
G
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
gfs
Forward Transconductance
150
–––
–––
S
Qg
Total Gate Charge
–––
300
460
nC
Qgs
Gate-to-Source Charge
–––
77
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
98
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
202
–––
td(on)
Turn-On Delay Time
–––
32
–––
ns
tr
Rise Time
–––
105
–––
td(off)
Turn-Off Delay Time
–––
160
–––
tf
Fall Time
–––
100
–––
Ciss
Input Capacitance
–––
14240
–––
pF
Coss
Output Capacitance
–––
2130
–––
Crss
Reverse Transfer Capacitance
–––
1460
–––
Coss eff. (ER)
Effective Output Capacitance (Energy Related)
ià –––
2605
–––
Coss eff. (TR)
Effective Output Capacitance (Time Related)
h
–––
2920
–––
Diode Characteristics
Symbol
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
376
™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1576
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
0.86
1.2
V
dv/dt
Peak Diode Recovery
f
–––
2.7
–––
V/ns
trr
Reverse Recovery Time
–––
52
–––
ns
TJ = 25°C
VR = 34V,
–––
52
–––
TJ = 125°C
IF = 100A
Qrr
Reverse Recovery Charge
–––
97
–––
nC
TJ = 25°C
di/dt = 100A/μs
g
–––
97
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.3
–––
A
TJ = 25°C
VGS = 0V, VDS = 0V to 32V i
VGS = 0V, VDS = 0V to 32V h
Conditions
VGS = 10V g
VGS = 0V
VDS = 25V
ƒ = 1.0 MHz
ID = 100A, VDS =0V, VGS = 10V
Conditions
VDS = 10V, ID = 100A
VDS =20V
ID = 100A
TJ = 25°C, IS = 100A, VGS = 0V g
integral reverse
p-n junction diode.
MOSFET symbol
showing the
TJ = 175°C, IS = 100A, VDS = 40V
ID = 30A
RG = 2.7
VGS = 10V g
VDD = 20V


유사한 부품 번호 - IRFP7430PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP7430PBF IRF-IRFP7430PBF Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
More results

유사한 설명 - IRFP7430PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com