전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF1006FCT 데이터시트(PDF) 1 Page - Yea Shin Technology Co., Ltd

부품명 UF1006FCT
상세설명  ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1006FCT 데이터시트(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF1006FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1006FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISOLATION UL TRAFAST SWITCHING RE CTIFIERS
VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
Exceeds environmental standards of
MIL-S-19500/228
Low power loss, high efficiency.
Low forwrd voltge, high current capability
High surge capacity.
Ultra fast recovery times, high voltage.
High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANCALDATA
Case: ITO-220AB full molded plastic package
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.26grams.
.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
UF
1000FCT
UF
1001FCT
UF
1002FCT
UF
1003FCT
UF
1004FCT
UF
1006FCT
UF
1008FCT
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
300
400
600
800
V
Maximum RMS Voltage
35
70
140
210
280
420
560
V
Maxi mum DC Blocki ng Voltage
50
100
200
300
400
600
800
V
Maximum Averag e For ward Rectif ied Current at Tc=100°C
10
A
Peak Forward Surge Current ,
8.3 ms single half sine- wave
super imposed on rated load (J EDEC method)
125
A
Maximum I nstantaneous Forward Vol tage
at 5.0A per element
1.0
1.30
1.70
V
Maxi mum DC Reverse Cur rent (Note 1)
Ta=25°C
at Rated DC Blocking Voltage
Ta=125°C
10
500
µA
Typical Junction Capacitance (Note 1)
50
100
pF
Maximum Reverse Recovery Time (Note 2)
50
75
ns
Typical Thermal Resistance Note R
θJC
15
Oper ating and Storage Temperature Range TJ
-55 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounted.
ITO-220AB
Unit:inch(mm)
.161(4.1)
MAX
.130(3.3)
MAX
.185(4.8)
MAX
.272(6.9)
.248(6.3)
.055(1.4)
MAX
.035(0.9)
MAX
.100(2.55)
.543(13.8)
.512(13.0)
.100(2.55)
.114(2.9)
.098(2.5)
.032(0.8)
MAX
.606(15.4)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)MAX
.134(3.4)DIA
.113(3.0)DIA
AC
AC
Positive CT
DATA SHEET
UF1000FCT~UF1008FCT
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C/W


유사한 부품 번호 - UF1006FCT

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
UF1006FCT WTE-UF1006FCT Datasheet
46Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1006FCT WTE-UF1006FCT Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1006FCT PANJIT-UF1006FCT Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF1006FCT PANJIT-UF1006FCT Datasheet
96Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
More results

유사한 설명 - UF1006FCT

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
UF1000CT YEASHIN-UF1000CT Datasheet
40Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
UF1600FCT YEASHIN-UF1600FCT Datasheet
41Kb / 2P
   ISOLATION UL TRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 AmperesCURRENT
logo
Pan Jit International I...
SB1020F PANJIT-SB1020F Datasheet
44Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB1020FCT PANJIT-SB1020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Yea Shin Technology Co....
UF1000 YEASHIN-UF1000 Datasheet
75Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
RS1A DAESAN-RS1A Datasheet
289Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 800 Volts
logo
Continental Device Indi...
ER300 CDIL-ER300 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
logo
Guangdong Juxing Electr...
ER300 JUXING-ER300 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com