전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FML18A232A000 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 FML18A232A000
상세설명  Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FML18A232A000 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  FML18A232A000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FML18A232A000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FML18A232A000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APEM
www.apem.com
D-43
D
FM series
Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
Single pole - non-illuminated
• Operating temperature :
-20°C to +85°C
• Case, frame, rocker : PA6/6
• Contacts : silver
• Terminals : silver plated
• Panel cut-out :
• Approved ratings (functions 1 and 6 ) :
VDE : 10(4)A 250VAC T85°C - UL : 6A 250VAC & 125VAC T65°C
• Max. contact rating :
- functions 1 and 6 : see above.
- function 3 : 4A 250VAC
- functions 8 and 9 : 6A 250VAC
• Initial contact resistance : 20mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : - functions 1 and 6 : 2.500 Vrms between terminals
- functions 3, 8 and 9 : 1.500 Vrms between terminals
• Electrical life at full load : 10 000 cycles
Panel thickness
0,75 to 1,25 mm
1,25 to 2 mm
2 to 3 mm
Dim. Y
19,2 +0/-0,1
19,4 +0/-0,1
19,8 +0/-0,1
Dim. Z
12,9 +0,15/-0
12,9 +0,15/-0
12,9 +0,15/-0
FM
C
A
0
0
SERIES
Contacts
A
Silver
Lamp
0
None
Electrical functions
1
ON
-
OFF
3
MOM -
OFF
6
ON
-
ON
8
ON OFF MOM
9
ON OFF
ON
Rocker
C Non illum.
Concave
Terminals
2 Solder lug
8 Quick-conn.
9 Straight PC
(funct. 1 & 6)
Frame colour
2
Black
Others : on
request.
Rocker colours
1
Blue
2
Black (std)
3
Green
4
Grey
5
Yellow
6
Red (std)
7
Ivory
7/1 White
9
Orange
Lens colour
0
No lens
Marking *
000 None
001
002
003
004
005
0
0
I
I 0 II
Single throw and double throw switch
1-2
2-3
FMC1
ON
-
OFF
FMC3
MOM -
OFF
FMC6
ON
-
ON
FMC8
ON
OFF MOM
FMC9
ON
OFF
ON
Shown with quick-connect terminals
12.80
9.30
21.00
18.80
7.00
7.00
0.80
3
21
(.275)
(.031)
(.827)
Y
(.740)
(.275)
(.504)
(.366)
9
TERMINALS
2
(.11x.031)
(.051)
1.30
2.80x0.80
Solder lug
8
(.185x.031)
4.70x0.80
Quick-connect
Straight PC (functions 1 and 6 only)
(.047 x .031)
1.20 x 0.80
* Colour of marking : white for black rockers - black for other colours - Other : on request.
08-Serie FM-A_07-Serie FM-A 21/11/12 17:49 Page43


유사한 부품 번호 - FML18A232A000

제조업체부품명데이터시트상세설명
logo
Rohm
FML10 ROHM-FML10 Datasheet
78Kb / 5P
   General purpose transistor (isolated transistor and diode)
logo
Guangdong Kexin Industr...
FML10 KEXIN-FML10 Datasheet
149Kb / 3P
   General purpose transistor
logo
First Components Intern...
FML11N90 FCI-FML11N90 Datasheet
117Kb / 2P
   11Amps 900 Voltage N Channel MOSFET
logo
Rectron Semiconductor
FML120 RECTRON-FML120 Datasheet
356Kb / 4P
   SUPER LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FML120B RECTRON-FML120B Datasheet
329Kb / 6P
   SUPER LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results

유사한 설명 - FML18A232A000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FMC98A2200006 ETC2-FMC98A2200006 Datasheet
279Kb / 3P
   Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
logo
Wurth Elektronik GmbH &...
471005264152 WURTH-471005264152 Datasheet
1Mb / 8P
   WS-RSTV 27.6 x 13.8 mm Panel Cut-out with 0.25' Quick connect terminal Rocker Switch
002.000
logo
CONEC Elektronische Bau...
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
   RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
   RECOMMENDED PANEL CUT-OUT
logo
ITT Industries
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
List of Unclassifed Man...
R2401C2NBB ETC2-R2401C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
   Emergency stop switches • panel cut-out Ø 16 mm
2018
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com