전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28635FVZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL28635FVZ
상세설명  5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28635FVZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL28635FVZ Datasheet HTML 7Page - Intersil Corporation ISL28635FVZ Datasheet HTML 8Page - Intersil Corporation ISL28635FVZ Datasheet HTML 9Page - Intersil Corporation ISL28635FVZ Datasheet HTML 10Page - Intersil Corporation ISL28635FVZ Datasheet HTML 11Page - Intersil Corporation ISL28635FVZ Datasheet HTML 12Page - Intersil Corporation ISL28635FVZ Datasheet HTML 13Page - Intersil Corporation ISL28635FVZ Datasheet HTML 14Page - Intersil Corporation ISL28635FVZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
11
FN8364.0
September 24, 2013
VOL
Output Voltage Swing, LOW
RL = 10kΩ to VREF
-5
15
mV
--
20
mV
2.5V G0/G1 LOGIC INPUTS INSTRUMENTATION AMPLIFIER
VIH
Logic Input High Threshold
Vs = (V+) - (V-)
0.8*(Vs)
--
V
VIL
Logic Input Low Threshold
Vs = (V+) - (V-)
-
-
0.2*(Vs)
V
VIH_Z/VIL_Z
Hi-Z Logic Input Range
Vs = (V+) - (V-)
0.4*(Vs)
-
0.6*(Vs)
V
VOC
Open Circuit Logic Voltage
Set by 2 internal 100kΩ Resistors;
VS = (V+) - (V-)
0.45*VS
-
0.55*VS
V
ZIN
Logic Input Impedance
-
50k
-
kΩ
2.5V AC SPECIFICATIONS INSTRUMENTATION AMPLIFIER
eN
Total Input Referred Voltage Noise
eN = √(eNi2 + (eNo/G)2 + (IN*RS)2)
eNi
Input Noise Voltage
f = 0.1Hz to 10Hz; G = 100
-
0.4
-
µVP-P
f = 1kHz; G = 100
-
17
-
nV/√Hz
eNo
Output Noise Voltage
f = 0.1Hz to 10Hz; G = 1
-
1.8
-
µVP-P
f = 1kHz; G = 1
-
65
-
nV/√Hz
IN
Input Noise Current
f = 10Hz; RS = 5MΩ; G = 100
-
100
-
fA/√Hz
GBWP
Gain Bandwidth Product
G ≥ 10
-
2.3
-
MHz
G < 10
-
1.6
-
MHz
2.5V TRANSIENT RESPONSE INSTRUMENTATION AMPLIFIER
SR
Slew Rate
10% to 90%
VOUT = 2VP-P; G = 1
-
0.8
-
V/µs
VOUT = 2VP-P; G = 100
-
0.1
-
V/µs
tGPD
Gain Select Prop Delay
All Gains
-
1
-
µs
ts
Settling Time to 0.1%, 4VP-P Step
To 0.1%, 2VP-P Step
-
20
-
µs
To 0.01%, 2VP-P Step
-
70
-
µs
trecover
Output Overload Recovery Time,
Recovery to 90% of output saturation
-1.5
-
µs
2.5V DC SPECIFICATIONS OPERATIONAL AMPLIFIER
AvOPEN
Open Loop Gain
-
140
-
dB
VOS
Input Offset Voltage
TA = +25°C
-2.5
-0.2
2.5
µV
TA = -40°C to +85°C
-3.475
-
3.475
µV
TA = -40°C to +125°C
-4
-
-4
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
TA = -40°C to +125°C
-15
-0.5
15
nV/°C
IB
Input Bias Current
TA = +25°C
-300
±15
300
pA
TA = -40°C to +85°C
-300
-
300
pA
TA = -40°C to +125°C
-550
-
550
pA
Operating Specifications V+ = 2.5V, V- = 0V, VCM = 1.25V, TA = +25°C, unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT


유사한 부품 번호 - ISL28635FVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28635FVZ INTERSIL-ISL28635FVZ Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
November 22, 2013
logo
Renesas Technology Corp
ISL28635FVZ RENESAS-ISL28635FVZ Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results

유사한 설명 - ISL28635FVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28533FVZ INTERSIL-ISL28533FVZ Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
November 22, 2013
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com