전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1552Q-N4112 데이터시트(Datasheet) 2 Page - NXP Semiconductors

부품명 TDA1552Q-N4112
상세내용  2 x 22 W BTL stereo car radio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 2 page
background image
July 1994
2
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier
TDA1552Q
GENERAL DESCRIPTION
The TDA1552Q is an integrated class-B output amplifier in a 13-lead single-in-line (SIL) plastic power package.
The circuit contains 2 x 22 W amplifiers in Bridge Tied Load (BTL) configuration. The device is primarily developed for
car radio applications.
Features
• Requires very few external components
• High output power
• Low offset voltage at outputs
• Fixed gain
• Good ripple rejection
• Mute/stand-by switch
• Load dump protection
• AC and DC short-circuit-safe to ground and V
P
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (V
P = 0 V)
• Protected against electrostatic discharge
• No switch-on/switch-off plop
• Low thermal resistance
• Flexible leads.
QUICK REFERENCE DATA
PACKAGE OUTLINE
13-lead SIL-bent-to-DIL; plastic power (SOT141R); SOT 141-6; 1996 July 23.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
operating
VP
6.0
14.4
18.0
V
non-operating
VP
−−
30
V
load dump protected
VP
−−
45
V
Repetitive peak output
current
IORM
−−
4A
Total quiescent current
Itot
80
160
mA
Stand-by current
Isb
0.1
100
µA
Switch-on current
Isw
−−
60
µA
Input impedance
|ZI|
506075k
Junction temperature
Tj
−−
150
°C
Stereo application
Output power
RL = 4 Ω; THD = 10% Po
20
22
W
Supply voltage ripple
rejection
RS = 0 Ω
f = 100 Hz to 10 kHz
RR
48
−−
dB
DC output offset voltage
|
∆V
O|
−−
150
mV
Channel separation
α
40
−−
dB
Channel unbalance
|
∆G
v|
−−
1dB




Html 페이지

1  2  3  4  5  6  7  8  9  10 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl