전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1552Q 데이터시트(Datasheet) 7 Page - NXP Semiconductors

부품명 TDA1552Q
상세내용  2 x 22 W BTL stereo car radio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 7 page
background image
July 1994
7
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier
TDA1552Q
AC CHARACTERISTICS
VP = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; measurements taken using Fig.3; unless otherwise specified
Notes to the characteristics
1. The circuit is DC adjusted at VP = 6 V to 18 V and AC operating at VP = 8.5 V to 18 V.
2. At 18 V < VP < 30 V the DC output voltage ≤ VP/2.
3. Conditions:
a) V11 = 0 V
b) short-circuit to GND
c) switch V11 to MUTE or ON condition (rise time ≥ 10 µs).
4. Frequency response externally fixed.
5. Ripple rejection measured at the output with a source impedance of 0
Ω (maximum ripple amplitude of 2 V).
6. Frequency f = 100 Hz.
7. Frequency between 1 kHz and 10 kHz.
8. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
9. Noise output voltage independent of RS (VI = 0 V).
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output power
THD = 0.5%
Po
15
17
W
THD = 10%
Po
20
22
W
Output power at VP = 13.2 V
THD = 0.5%
Po
12
W
THD = 10%
Po
17
-
W
Total harmonic distortion
Po = 1 W
THD
0.1
%
Power bandwidth
THD = 0.5%
Po = −1 dB
w.r.t. 15 W
Bw
-
20 to
Hz
15000
Low frequency roll-off
note 4
−1 dB
fL
25
Hz
High frequency roll-off
−1 dB
fH
20
−−
kHz
Closed loop voltage gain
Gv
25
26
27
dB
Supply voltage ripple rejection
notes 5, 6
RR
42
−−
dB
ON
notes 5, 7
RR
48
−−
dB
mute
notes 5, 6, 7
RR
48
−−
dB
stand-by
notes 5, 6, 7
RR
80
−−
dB
Input impedance
|Zi|
506075k
Noise output voltage
(RMS value)
ON
RS = 0 Ω; note 8
Vno(rms)
-
70
120
µV
ON
RS = 10 kΩ; note 8 Vno(rms)
100
−µV
mute
notes 8, 9
Vno(rms)
60
−µA
Channel separation
α
40
−−
dB
Channel unbalance
|
∆G
v|-
1dB




Html 페이지

1  2  3  4  5  6  7  8  9  10 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl