전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1940T 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LB1940T
상세설명  Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1940T 데이터시트(HTML) 1 Page - ON Semiconductor

  LB1940T Datasheet HTML 1Page - ON Semiconductor LB1940T Datasheet HTML 2Page - ON Semiconductor LB1940T Datasheet HTML 3Page - ON Semiconductor LB1940T Datasheet HTML 4Page - ON Semiconductor LB1940T Datasheet HTML 5Page - ON Semiconductor LB1940T Datasheet HTML 6Page - ON Semiconductor LB1940T Datasheet HTML 7Page - ON Semiconductor LB1940T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D0512HK 20080624-S00002,B8-5952/D2706 MS IM/93004 JO IM No.7232-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
LB1940T
LB1940U
Overview
The LB1940T and LB1940U are 2-phase exciter type bipolar stepper motor driver ICs that feature low-voltage,
(supporting 3V battery) and low current operation with low saturation voltage. These ICs enable constant-current
control of actuators, and are optimal for driving the actuators of PC peripherals such as USB compatible scanners,
FDDs, and printers, as well as for controlling the shutter, iris, and AF of a digital still camera.
Features
• Low-voltage driving
2-power source type:
VS = 1.6 to 7.5V, VDD = 1.9 to 6.5V
Single power source type: VS = VDD = 1.9 to 7.5V
• Low saturation output:
VO(sat) = 0.3V at IO of 200mA
• Constant-current control
• Built-in reference voltage (Vref = 0.9V)
• Small-sized, low-profile package (LB1940T: TSSOP20; 225mil; thickness (t) = 1.2mm max.)
(LB1940U: MSOP20; thickness (t) = 0.85mm max.)
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VB max
VS1, VS2, VDD
-0.3 to +10.5
V
Output applied voltage
VOUT max
OUT1, OUT2, OUT3, OUT4
-0.3 to +10.5
V
Output Current
IO max
400
mA
Input applied voltage
VIN max
ENA1, ENA2, IN1, IN2, VC
-0.3 to +10.5
V
Allowable power dissipation
Pd max
Mounted on a specified board *
800
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a Specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy
Ordering number : EN7232B
Monolithic Digital IC
2-ch H-Bridge Constant Current Driver
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


유사한 부품 번호 - LB1940T

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T Datasheet
450Kb / 9P
   LB1940T
LB1940T SANYO-LB1940T Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
LB1940T SANYO-LB1940T Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T ONSEMI-LB1940T Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
LB1940T-MPB-E ONSEMI-LB1940T-MPB-E Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
More results

유사한 설명 - LB1940T

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver IC
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
   Constant current type 1-CH H-bridge driver IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
logo
Sanyo Semicon Device
LB8681CL SANYO-LB8681CL Datasheet
69Kb / 5P
   Monolithic Digital IC Constant Current Driver IC with H-bridge 횞 1.5 Channel
logo
Renesas Technology Corp
M62237FP RENESAS-M62237FP Datasheet
1Mb / 4P
   CONSTANT VOLTAGE CONSTANT CURRENT CONTROL IC
M62237FP RENESAS-M62237FP_07 Datasheet
109Kb / 7P
   Constant Voltage Constant Current Control IC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com