전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7820PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7820PBF
상세설명  Synchronous MOSFET for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7820PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7820PBF Datasheet HTML 1Page - International Rectifier IRF7820PBF Datasheet HTML 2Page - International Rectifier IRF7820PBF Datasheet HTML 3Page - International Rectifier IRF7820PBF Datasheet HTML 4Page - International Rectifier IRF7820PBF Datasheet HTML 5Page - International Rectifier IRF7820PBF Datasheet HTML 6Page - International Rectifier IRF7820PBF Datasheet HTML 7Page - International Rectifier IRF7820PBF Datasheet HTML 8Page - International Rectifier IRF7820PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7820PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
VDSS/TJ
Breakdown Voltage Temp. Coefficient
–––
0.23
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
62.5
78
m
VGS(th)
Gate Threshold Voltage
3.0
4.0
5.0
V
VGS(th)
Gate Threshold Voltage Coefficient
–––
-12
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
5.0
–––
–––
S
Qg
Total Gate Charge
–––
29
44
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.5
–––
Qgs
Gate-to-Source Charge
–––
10.1
–––
Qgd
Gate-to-Drain Charge
–––
8.7
–––
See Figs. 6, 16a & 16b
Qgodr
Gate Charge Overdrive
–––
10.2
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
10.2
–––
Qoss
Output Charge
–––
30
–––
nC
RG
Gate Resistance
–––
0.73
–––
td(on)
Turn-On Delay Time
–––
7.1
–––
tr
Rise Time
–––
3.2
–––
td(off)
Turn-Off Delay Time
–––
14
–––
tf
Fall Time
–––
12
–––
Ciss
Input Capacitance
–––
1750
–––
Coss
Output Capacitance
–––
90
–––
Crss
Reverse Transfer Capacitance
–––
25
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
33
50
ns
Qrr
Reverse Recovery Charge
–––
213
320
nC
ID = 2.2A
VGS = 0V
VDS = 100V
pF
Typ.
–––
RG = 1.8
nC
ns
–––
VDS = 200V, VGS = 0V, TJ = 125°C
VDS = VGS, ID = 100μA
VDS = 200V, VGS = 0V
VGS = 10V
VDS = 100V
VGS = 20V
VGS = -20V
VDS = 50V, ID = 2.2A
TJ = 25°C, IF = 2.2A, VDD = 100V
di/dt = 500A/μs
e
TJ = 25°C, IS = 2.2A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VDS = 20V, VGS = 0V
VDD = 200V, VGS = 10V
e
ID = 2.2A
Conditions
See Figs. 15a & 15b
Max.
606
2.8
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 2.2A
e
μA
nA
A
1.5
–––
–––
–––
–––
29


유사한 부품 번호 - IRF7820PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF_15 Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

유사한 설명 - IRF7820PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com