전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9952TRPBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRF9952TRPBF
상세설명  Generation V Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9952TRPBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRF9952TRPBF Datasheet HTML 2Page - International Rectifier IRF9952TRPBF Datasheet HTML 3Page - International Rectifier IRF9952TRPBF Datasheet HTML 4Page - International Rectifier IRF9952TRPBF Datasheet HTML 5Page - International Rectifier IRF9952TRPBF Datasheet HTML 6Page - International Rectifier IRF9952TRPBF Datasheet HTML 7Page - International Rectifier IRF9952TRPBF Datasheet HTML 8Page - International Rectifier IRF9952TRPBF Datasheet HTML 9Page - International Rectifier IRF9952TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF9952PbF
www.irf.com
7
Fig 16. Normalized On-Resistance
Vs.Temperature
Fig 19. Maximum Avalanche Energy
Vs. Drain Current
Fig 17. Typical On-Resistance Vs. Drain
Current
Fig 18. Typical On-Resistance Vs. Gate
Voltage
P-Channel
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-10V
-1.0A
0.0
0.5
1.0
1.5
2.0
2.5
0.0
1.0
2.0
3.0
4.0
5.0
A
-I , Drain Current (A)
D
V
= -10V
V
= -4.5V
GS
GS
0.00
0.20
0.40
0.60
0.80
0
3
6
9
12
15
A
GS
I
= -2.3A
D
-V
, Gate-to-Source Voltage (V)
25
50
75
100
125
150
0
30
60
90
120
150
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-0.58A
-1.0A
-1.3A


유사한 부품 번호 - IRF9952TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9952 IRF-IRF9952 Datasheet
134Kb / 10P
   Power MOSFET(Vdss=-30V)
IRF9952PBF IRF-IRF9952PBF Datasheet
224Kb / 10P
   HEXFET Power MOSFET
IRF9952PBF IRF-IRF9952PBF Datasheet
229Kb / 10P
   ULTRA LOW ON RESISTANCE
IRF9952PBF IRF-IRF9952PBF_15 Datasheet
229Kb / 10P
   ULTRA LOW ON RESISTANCE
IRF9952QPBF IRF-IRF9952QPBF Datasheet
280Kb / 10P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com